Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMTL2-AC Datasheet(PDF) 4 Page - Bivar, Inc.

Part # SMTL2-AC
Description  PLCC2 SMD Top View Package LED SMTL2-AC, AMBER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BIVAR [Bivar, Inc.]
Direct Link  https://www.bivar.com/
Logo BIVAR - Bivar, Inc.

SMTL2-AC Datasheet(HTML) 4 Page - Bivar, Inc.

  SMTL2-AC Datasheet HTML 1Page - Bivar, Inc. SMTL2-AC Datasheet HTML 2Page - Bivar, Inc. SMTL2-AC Datasheet HTML 3Page - Bivar, Inc. SMTL2-AC Datasheet HTML 4Page - Bivar, Inc. SMTL2-AC Datasheet HTML 5Page - Bivar, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Bivar reserves the right to make changes at any time without notice.
Bivar, Inc. — 4 Thomas, Irvine, California 92618, U.S.A.
Revision B 06/22
Phone: (949) 951-8808 Fax: (949) 951-3974 E-mail: bivar@bivar.com Web: www.bivar.com
Page 4 of 5
Temp. (°C)
Time (Sec)
a
25
T0~T1
Max. 3°C/sec
b
150
T1~T2
90~130 sec
c
200
T2~T4
Max. 3°C/sec
d
220
T3~T6
Max. 50sec
e
245
f
Max. 260
Max. 10sec
T5~T7
Max. -3°C/sec
Belt Speed
70~90 cm/min
Recommended Soldering Conditions
Tape and Reel Dimensions
Outline Drawings Notes:
1. All dimensions are in inches [millimeters].
2. Standard tolerance: ±0.010" unless otherwise noted.
Note: 2000 pcs/Reel
Soldering Iron
1. Temperature at tip of iron: 300°C Max. (25W Max.)
2. Soldering time: 5 ± 1sec.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com