Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMTL6-GC Datasheet(PDF) 1 Page - Bivar, Inc.

Part # SMTL6-GC
Description  PLCC6 SMD Top View Package LED SMTL6-GC, GREEN
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BIVAR [Bivar, Inc.]
Direct Link  https://www.bivar.com/
Logo BIVAR - Bivar, Inc.

SMTL6-GC Datasheet(HTML) 1 Page - Bivar, Inc.

  SMTL6-GC Datasheet HTML 1Page - Bivar, Inc. SMTL6-GC Datasheet HTML 2Page - Bivar, Inc. SMTL6-GC Datasheet HTML 3Page - Bivar, Inc. SMTL6-GC Datasheet HTML 4Page - Bivar, Inc. SMTL6-GC Datasheet HTML 5Page - Bivar, Inc. SMTL6-GC Datasheet HTML 6Page - Bivar, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Bivar reserves the right to make changes at any time without notice.
Bivar, Inc. — 4 Thomas, Irvine, California 92618, U.S.A.
Revision B 06/22
Phone: (949) 951-8808 Fax: (949) 951-3974 E-mail: bivar@bivar.com Web: www.bivar.com
Page 1 of 6
CC
Part Number
Material
Emitted Color
Lumen Typ. mcd
Lens Color
Viewing Angle
SMTL6-GC
InGaN
Green
5520
Water Clear
120°
SMTL6-GC
 Industry Standard PLCC6 Footprint
 Low Profile Package
 High Luminous Intensity
 Wide Viewing Angle
 High Power Efficiency
Outline Dimensions
ATTENTION
OBSERVE PRECAUTIONS
FOR HANDLING
ELECTROSTATIC
SENSITIVE DEVICES
Outline Drawings Notes:
1. All dimensions are in inches [millimeters].
2. Standard tolerance: ±0.010" unless otherwise noted.
Bivar SMTL6 LED is offered in an industry standard PLCC6 package with high luminous intensity and wide
viewing angles. The miniature package is ideal for small scale applications such as illumination, general
indication, and backlighting. Low power consumption and excellent long life reliability are suitable for battery
powered equipment. The flexible three chip design allows for a wide variety of lighting options where the
chips can be individually driven or in combinations. Bivar SMTL6 LED is packaged in standard tape and reels
for pick and place assemblies.
6
4
2
5
3
1
161
1
0.063 [1.6mm]


Similar Part No. - SMTL6-GC

ManufacturerPart #DatasheetDescription
logo
Bivar, Inc.
SMTL6-BWC BIVAR-SMTL6-BWC Datasheet
1Mb / 6P
PLCC6 SMD Top View Package LED SMTL6-BWC, BLUE
Revision B 10/22
SMTL6-RC BIVAR-SMTL6-RC Datasheet
737Kb / 5P
PLCC6 SMD Top View Package LED SMTL6-RC, RED
Revision A 02/16
logo
List of Unclassifed Man...
SMTL6-RGB ETC1-SMTL6-RGB Datasheet
724Kb / 5P
PLCC6 SMD Top View Package LED SMTL6-RGB, RED/GREEN/BLUE
logo
Bivar, Inc.
SMTL6-RGB BIVAR-SMTL6-RGB Datasheet
1Mb / 6P
PLCC6 SMD Top View Package LED SMTL6-RGB, RED/GREEN/BLUE
Revision B 10/22
SMTL6-UWDN BIVAR-SMTL6-UWDN Datasheet
761Kb / 5P
PLCC6 SMD Top View Package LED SMTL6-UWDN, NEUTRAL WHITE
Revision A 02/16
More results

Similar Description - SMTL6-GC

ManufacturerPart #DatasheetDescription
logo
P-tec Corporation
PL00130-WCB11 P-TEC-PL00130-WCB11_14 Datasheet
32Kb / 1P
SMD LED 0603 Package Top View
PL00130-WCG11 P-TEC-PL00130-WCG11_14 Datasheet
32Kb / 1P
SMD LED 0603 Package Top View
PL00130-WCG13 P-TEC-PL00130-WCG13_14 Datasheet
31Kb / 1P
SMD LED 0603 Package Top View
logo
List of Unclassifed Man...
SMTL6-RGB ETC1-SMTL6-RGB Datasheet
724Kb / 5P
PLCC6 SMD Top View Package LED SMTL6-RGB, RED/GREEN/BLUE
logo
Bivar, Inc.
SMTL2-GC BIVAR-SMTL2-GC Datasheet
769Kb / 5P
PLCC2 SMD Top View Package LED SMTL2-GC, GREEN
Revision A 02/16
SMTL6-BWC BIVAR-SMTL6-BWC Datasheet
1Mb / 6P
PLCC6 SMD Top View Package LED SMTL6-BWC, BLUE
Revision B 10/22
SMTL6-RC BIVAR-SMTL6-RC Datasheet
737Kb / 5P
PLCC6 SMD Top View Package LED SMTL6-RC, RED
Revision A 02/16
SMTL6-RGB BIVAR-SMTL6-RGB Datasheet
1Mb / 6P
PLCC6 SMD Top View Package LED SMTL6-RGB, RED/GREEN/BLUE
Revision B 10/22
SMTL6-UWDN BIVAR-SMTL6-UWDN Datasheet
761Kb / 5P
PLCC6 SMD Top View Package LED SMTL6-UWDN, NEUTRAL WHITE
Revision A 02/16
SMTL6-UWDW BIVAR-SMTL6-UWDW Datasheet
1Mb / 6P
PLCC6 SMD Top View Package LED SMTL6-UWDW, WARM WHITE
Revision B 06/22
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com