Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMTL6-GC Datasheet(PDF) 2 Page - Bivar, Inc.

Part # SMTL6-GC
Description  PLCC6 SMD Top View Package LED SMTL6-GC, GREEN
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BIVAR [Bivar, Inc.]
Direct Link  https://www.bivar.com/
Logo BIVAR - Bivar, Inc.

SMTL6-GC Datasheet(HTML) 2 Page - Bivar, Inc.

  SMTL6-GC Datasheet HTML 1Page - Bivar, Inc. SMTL6-GC Datasheet HTML 2Page - Bivar, Inc. SMTL6-GC Datasheet HTML 3Page - Bivar, Inc. SMTL6-GC Datasheet HTML 4Page - Bivar, Inc. SMTL6-GC Datasheet HTML 5Page - Bivar, Inc. SMTL6-GC Datasheet HTML 6Page - Bivar, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Bivar reserves the right to make changes at any time without notice.
Bivar, Inc. — 4 Thomas, Irvine, California 92618, U.S.A.
Revision B 06/22
Phone: (949) 951-8808 Fax: (949) 951-3974 E-mail: bivar@bivar.com Web: www.bivar.com
Page 2 of 6
Notes: 1. 10% Duty Cycle, Pulse Width ≤ 0.1 msec. 2. Solder time less than 4 seconds at temperature extreme.
Emitting
Color
Forward
Voltage (V)1
Recommend
Forward
Current (mA)
Reverse
Current
(μA)
Dominant
Wavelength (nm)2
Luminous
Intensity Iv (mcd)3
Viewing
Angle
2 Ө ½ (deg)
MIN
TYP MAX
MIN
TYP
MAX
MAX
MIN TYP MAX MIN
TYP MAX
TYP
Green
2.8
/
3.4
/
60
/
10
520
/
529
4000
/
7000
120
Power Dissipation
100 mW
Continuous Forward Current
75 mA
Peak Forward Current 1
75 mA
Electrostatic Discharge Classification (HBM)
2000 V
Reverse Voltage
5 V
Derating Linear from 25°C
0.4 mA/°C
Operating Temperature Range
-30 - +85°C
Storage Temperature Range
-40 - +90°C
Lead Soldering Temperature ( 3 mm from the base of the epoxy bulb ) 2
250°C
Notes: 1. Tolerance of forward voltage : ±0.05V.
2. Tolerance of dominant wavelength : ±1.0nm.
3. Tolerance of luminous intensity : ±15%
Absolute Maximum Ratings
TA = 25°C unless otherwise noted
Electrical / Optical Characteristics
TA = 25°C & IF = 60 mA unless otherwise noted
Radiation Diagram
Directivity Radiation
TA = 25°C unless otherwise noted



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com