Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMTL6-RGB Datasheet(PDF) 1 Page - Bivar, Inc.

Part # SMTL6-RGB
Description  PLCC6 SMD Top View Package LED SMTL6-RGB, RED/GREEN/BLUE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BIVAR [Bivar, Inc.]
Direct Link  https://www.bivar.com/
Logo BIVAR - Bivar, Inc.

SMTL6-RGB Datasheet(HTML) 1 Page - Bivar, Inc.

  SMTL6-RGB Datasheet HTML 1Page - Bivar, Inc. SMTL6-RGB Datasheet HTML 2Page - Bivar, Inc. SMTL6-RGB Datasheet HTML 3Page - Bivar, Inc. SMTL6-RGB Datasheet HTML 4Page - Bivar, Inc. SMTL6-RGB Datasheet HTML 5Page - Bivar, Inc. SMTL6-RGB Datasheet HTML 6Page - Bivar, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Bivar reserves the right to make changes at any time without notice.
Bivar, Inc. — 4 Thomas, Irvine, California 92618, U.S.A.
Revision B 10/22
Phone: (949) 951-8808 Fax: (949) 951-3974 E-mail: bivar@bivar.com Web: www.bivar.com
Page 1 of 6
CC
Part Number
Material
Emitted Color
Lumen Typ. mcd
Lens Color
Viewing Angle
SMTL6-RGB
AlGaInP
Red
700
Water Clear
140°
InGaN
Green
1500
InGaN
Blue
300
SMTL6-RGB
 Industry Standard PLCC6 Package
 3 Chips in One Low Profile Package
 High Luminous Intensity
 Wide Viewing Angle
 High Power Efficiency
Outline Dimensions
ATTENTION
OBSERVE PRECAUTIONS
FOR HANDLING
ELECTROSTATIC
SENSITIVE DEVICES
Bivar SMTL6-RGB LED is offered in an industry standard PLCC6 package with high luminous intensity and
wide viewing angles. The miniature package is ideal for small scale applications such as illumination, general
indication, and backlighting. Low power consumption and excellent long life reliability are suitable for battery
powered equipment. The flexible three chip design allows for a wide variety of lighting options where the
chips can be individually driven or mixed to create numerous color and intensity combinations. Bivar SMTL6
LED is packaged in standard tape and reels for pick and place assemblies.
Outline Drawings Notes:
1. All dimensions are in inches [millimeters].
2. Standard tolerance: ±0.010" unless otherwise noted.
BLUE
GREEN


Similar Part No. - SMTL6-RGB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SMTL6-RGB ETC1-SMTL6-RGB Datasheet
724Kb / 5P
PLCC6 SMD Top View Package LED SMTL6-RGB, RED/GREEN/BLUE
More results

Similar Description - SMTL6-RGB

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KLB-16 KODENSHI-KLB-16 Datasheet
868Kb / 1P
high-brightness red-green-blue smd top view package
L-815 KODENSHI-L-815 Datasheet
843Kb / 1P
high-brightness red-green-blue smd top view package
logo
List of Unclassifed Man...
SMTL6-RGB ETC1-SMTL6-RGB Datasheet
724Kb / 5P
PLCC6 SMD Top View Package LED SMTL6-RGB, RED/GREEN/BLUE
logo
Bivar, Inc.
SMTL4-RGB BIVAR-SMTL4-RGB Datasheet
768Kb / 5P
PLCC4 SMD Top View Package LED SMTL4-RGB, RED/GREEN/BLUE
Revision A 02/16
SMTL4-SRGB BIVAR-SMTL4-SRGB Datasheet
747Kb / 5P
PLCC4 SMD Top View Package LED SMTL4-SRGB, RED/GREEN/BLUE
Revision A 02/16
SMTL6-BWC BIVAR-SMTL6-BWC Datasheet
1Mb / 6P
PLCC6 SMD Top View Package LED SMTL6-BWC, BLUE
Revision B 10/22
SMTL6-GC BIVAR-SMTL6-GC Datasheet
1Mb / 6P
PLCC6 SMD Top View Package LED SMTL6-GC, GREEN
Revision B 06/22
SMTL6-RC BIVAR-SMTL6-RC Datasheet
737Kb / 5P
PLCC6 SMD Top View Package LED SMTL6-RC, RED
Revision A 02/16
SMTL6-UWDN BIVAR-SMTL6-UWDN Datasheet
761Kb / 5P
PLCC6 SMD Top View Package LED SMTL6-UWDN, NEUTRAL WHITE
Revision A 02/16
SMTL6-UWDW BIVAR-SMTL6-UWDW Datasheet
1Mb / 6P
PLCC6 SMD Top View Package LED SMTL6-UWDW, WARM WHITE
Revision B 06/22
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com