Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMTL6-RGB Datasheet(PDF) 5 Page - Bivar, Inc.

Part # SMTL6-RGB
Description  PLCC6 SMD Top View Package LED SMTL6-RGB, RED/GREEN/BLUE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BIVAR [Bivar, Inc.]
Direct Link  https://www.bivar.com/
Logo BIVAR - Bivar, Inc.

SMTL6-RGB Datasheet(HTML) 5 Page - Bivar, Inc.

  SMTL6-RGB Datasheet HTML 1Page - Bivar, Inc. SMTL6-RGB Datasheet HTML 2Page - Bivar, Inc. SMTL6-RGB Datasheet HTML 3Page - Bivar, Inc. SMTL6-RGB Datasheet HTML 4Page - Bivar, Inc. SMTL6-RGB Datasheet HTML 5Page - Bivar, Inc. SMTL6-RGB Datasheet HTML 6Page - Bivar, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Bivar reserves the right to make changes at any time without notice.
Bivar, Inc. — 4 Thomas, Irvine, California 92618, U.S.A.
Revision B 10/22
Phone: (949) 951-8808 Fax: (949) 951-3974 E-mail: bivar@bivar.com Web: www.bivar.com
Page 5 of 6
Storage
1. The storage temperature and R.H. are 5 ̊C ~30 ̊C, R.H. 60% Max.
2. Once the package is opened, the products should be used within 24 hrs. Otherwise, they should be kept in a
dampproof box with a desiccating agent.
3. It is recommended to bake at 70 ̊C ± 3 ̊C for 48 hrs before soldering them after the package is unsealed for 24
hrs.
Tape and Reel Dimensions
Note: 1000 pcs/Reel
Outline Drawings Notes:
1. All dimensions are in inches [millimeters].
2. Standard tolerance: ±0.010" unless otherwise noted.
BLUE
GREEN



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com