Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW-114 Datasheet(PDF) 1 Page - Black Box Registered Trademark

Part # SW-114
Description  EMBEDDED INDUSTRIAL 4 PORT GIGABIT ETHERNET SWITCH
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BLACKBOX [Black Box Registered Trademark]
Direct Link  https://www.blackbox.com/en-us
Logo BLACKBOX - Black Box Registered Trademark

SW-114 Datasheet(HTML) 1 Page - Black Box Registered Trademark

  SW-114 Datasheet HTML 1Page - Black Box Registered Trademark SW-114 Datasheet HTML 2Page - Black Box Registered Trademark SW-114 Datasheet HTML 3Page - Black Box Registered Trademark SW-114 Datasheet HTML 4Page - Black Box Registered Trademark  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UK +44 (0)151 220 2500 // USA +1 (919) 241 8487
www.brainboxes.com // sales@brainboxes.com
• 4 Gigabit Ethernet ports
• Wide voltage input range: +5V to +30V
DC - can be powered by a variety of
sources
• Industrial temperature range: -40ºC
to +80ºC/-40ºF to +176ºF - works in
extreme conditions
• Redundant dual power inputs -
reduces risk of power outage
• Mounting holes in PCB
Embedded format, takes up
minimal space, with mounting
holes connected to Functional
Earth
Ideal for mounting within
passenger information
terminals or kiosks
+5 to +30 Volt power input
enables the device to be run
from a standard car battery -
ideal for in vehicle applications
EMBEDDED INDUSTRIAL 4 PORT GIGABIT ETHERNET SWITCH
SW-114


Similar Part No. - SW-114

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SW-114 MACOM-SW-114 Datasheet
97Kb / 2P
SP4T RF Switch 10 - 2000 MHz
SW-114-PIN MACOM-SW-114-PIN Datasheet
136Kb / 3P
SP4T RF Switch, 10 - 2000 MHz
logo
M/A-COM Technology Solu...
SW-114-PIN MA-COM-SW-114-PIN Datasheet
55Kb / 3P
SP4T RF Switch, 10 - 2000 MHz
logo
Tyco Electronics
SW-114PIN MACOM-SW-114PIN Datasheet
97Kb / 2P
SP4T RF Switch 10 - 2000 MHz
logo
SHINMEI ELECTRIC CO., L...
SW-114S SHINMEI-SW-114S Datasheet
119Kb / 3P
Push-type Detector Switches
More results

Similar Description - SW-114

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
EX65000 AXIOMTEK-EX65000 Datasheet
1Mb / 2P
Managed Industrial 8-port Gigabit Ethernet Switch
logo
Advantech Co., Ltd.
EKI-2725-CE ADVANTECH-EKI-2725-CE Datasheet
285Kb / 2P
5-port Gigabit Unmanaged Industrial Ethernet Switch
EKI-3725-AE ADVANTECH-EKI-3725-AE Datasheet
886Kb / 2P
5-port Gigabit Unmanaged Industrial Ethernet Switch
logo
ORing Industrial Networ...
IGS-3044GC ORING-IGS-3044GC Datasheet
1Mb / 4P
Industrial 8-port managed Gigabit Ethernet switch
IGS-9084GP ORING-IGS-9084GP Datasheet
4Mb / 5P
Industrial 12-port managed Gigabit Ethernet switch
IGCS-E131GP ORING-IGCS-E131GP Datasheet
844Kb / 3P
Industrial 4-port PCIe unmanaged Gigabit Ethernet switch card
IGCS-E140 ORING-IGCS-E140 Datasheet
909Kb / 3P
Industrial 4-port PCIe unmanaged Gigabit Ethernet switch
logo
Black Box Registered Tr...
SW-115 BLACKBOX-SW-115 Datasheet
1Mb / 4P
EMBEDDED INDUSTRIAL 5 PORT GIGABIT ETHERNET SWITCH
SW-514 BLACKBOX-SW-514 Datasheet
1Mb / 4P
COMPACT INDUSTRIAL 4 PORT GIGABIT ETHERNET SWITCH
SW-584 BLACKBOX-SW-584 Datasheet
1Mb / 4P
INDUSTRIAL 1 SFP & 4 PORT GIGABIT ETHERNET SWITCH
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com