Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW-114 Datasheet(PDF) 2 Page - Black Box Registered Trademark

Part # SW-114
Description  EMBEDDED INDUSTRIAL 4 PORT GIGABIT ETHERNET SWITCH
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BLACKBOX [Black Box Registered Trademark]
Direct Link  https://www.blackbox.com/en-us
Logo BLACKBOX - Black Box Registered Trademark

SW-114 Datasheet(HTML) 2 Page - Black Box Registered Trademark

  SW-114 Datasheet HTML 1Page - Black Box Registered Trademark SW-114 Datasheet HTML 2Page - Black Box Registered Trademark SW-114 Datasheet HTML 3Page - Black Box Registered Trademark SW-114 Datasheet HTML 4Page - Black Box Registered Trademark  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
UK +44 (0)151 220 2500 // USA +1 (919) 241 8487
www.brainboxes.com // sales@brainboxes.com
Easy Wire Removable screw terminal block
No software needed: Simply plug in
any ethernet cable
Dual redundant power input:
+5VDC to +30VDC
Power consumption is optimised
based on the status of the link
device
All Ethernet ports are Auto MDI/
MDIX supporting straight through or
crossover Ethernet cables
EMBEDDED INDUSTRIAL 4 PORT GIGABIT ETHERNET SWITCH
SW-114
Automatic detection of data
transmission speed:
10 or 100 or 1000 Mbps
Ready for embedded
applications
-40ºC to +80ºC/-40ºF to +176ºF
temperature range
Connectors
Screw Terminals
3.5mm pitch, #22 - #14, 0.5mm2-2.5mm2 pin power supply
Wire Thickness
0.150 inch, 3.81mm, 20 pins, 12+8 screw terminals, #26 - #16 AWG,
0.14mm2-1.3mm2
Power Supply
Power Consumption
3.6W Max: 550mA@+5VDC/90mA@+30VDC
Power Supply input
Unregulated +5V to +30Volts DC, reverse polarity protection
Isolation
1500VRMS Magnetic isolation from Ethernet
Environmental
Operating Temperature
-40ºC to +80ºC/-40ºF to +176ºF
Storage Temperature
-40ºC to +80ºC/-40ºF to +176ºF
Ambient Relative Humidity
5 to 95% (non-condensing)
Magjack LED Information
Link/Activity
Solid
Connection established
Flashing
Data communication
Speed
Yellow
1000Mbps
Green
100Mbps
Ethernet
Ethernet Port
4 x RJ45 jack, 10/100/1000Mbs autosensing, crossover auto sensing
(Auto MDIX)
Protection
1,500 Volts magnetic isolation between ports
Housing
IP-20 rated non-conducting polyamide case



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com