Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW-708 Datasheet(PDF) 1 Page - Black Box Registered Trademark

Part # SW-708
Description  Hardened 8 Port Ethernet Switch 10/100
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BLACKBOX [Black Box Registered Trademark]
Direct Link  https://www.blackbox.com/en-us
Logo BLACKBOX - Black Box Registered Trademark

SW-708 Datasheet(HTML) 1 Page - Black Box Registered Trademark

  SW-708 Datasheet HTML 1Page - Black Box Registered Trademark SW-708 Datasheet HTML 2Page - Black Box Registered Trademark SW-708 Datasheet HTML 3Page - Black Box Registered Trademark SW-708 Datasheet HTML 4Page - Black Box Registered Trademark  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UK +44 (0)151 220 2500 // USA +1 855 958 2502
www.brainboxes.com // sales@brainboxes.com
RoHS
RoHS
IP20
• 8 Port 10/100 Mbs Ethernet Switch
• Redundant dual power inputs: +5V to
+30V DC
• Compact design with integral DIN
mount
• No software required - Simply plug in
and connect
• Industrial temperature range
Integral DIN mount and slim
design provides Ethernet
connection to multiple devices
Tough metal casing with
removable numbered power
terminal for easy wiring
+5 to +30 Volt Power Input
enables the device to be run
from a standard car battery -
ideal for in vehicle applications
8 Port Unmanaged Ethernet Switch DIN Mountable
Hardened 8 Port Ethernet Switch 10/100
SW-708


Similar Part No. - SW-708

ManufacturerPart #DatasheetDescription
logo
Black Box Registered Tr...
SW-705 BLACKBOX-SW-705 Datasheet
1,008Kb / 4P
Hardened 5 Port Ethernet Switch 10/100
logo
Brainboxes Limited
SW-705 BRAINBOXE-SW-705 Datasheet
1Mb / 4P
Hardened 5 Port Ethernet Switch 10/100
180621
More results

Similar Description - SW-708

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IP178A ETC1-IP178A Datasheet
1Mb / 44P
8-Port 10/100 Ethernet Integrated Switch
IP178C ETC1-IP178C Datasheet
1Mb / 91P
8 Port 10/100 Ethernet Integrated Switch
IP178C ETC2-IP178C_1 Datasheet
943Kb / 93P
8 Port 10/100 Ethernet Integrated Switch
logo
Axiomtek Co., Ltd.
EX70900 AXIOMTEK-EX70900 Datasheet
663Kb / 5P
Hardened Managed 8-port Gigabit Ethernet Switch
EX45000 AXIOMTEK-EX45000 Datasheet
511Kb / 4P
Hardened Unmanaged 8-port 10/100BASE PoE Ethernet Switch
EX94000 AXIOMTEK-EX94000 Datasheet
659Kb / 4P
Hardened Unmanaged 8-port 10/100BASE Ethernet Switch
logo
List of Unclassifed Man...
IP178G ETC2-IP178G Datasheet
1,013Kb / 76P
8 Port 10/100 Ethernet Integrated Switch
logo
Black Box Registered Tr...
SW-108 BLACKBOX-SW-108 Datasheet
1Mb / 4P
8 Port Unmanaged Ethernet Switch 10/100
SW-508 BLACKBOX-SW-508 Datasheet
992Kb / 4P
Industrial 8 Port Ethernet Switch 10/100
SW-705 BLACKBOX-SW-705 Datasheet
1,008Kb / 4P
Hardened 5 Port Ethernet Switch 10/100
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com