Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW-725 Datasheet(PDF) 3 Page - Black Box Registered Trademark

Part # SW-725
Description  Hardened Industrial 5 Port PoE Ethernet Switch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BLACKBOX [Black Box Registered Trademark]
Direct Link  https://www.blackbox.com/en-us
Logo BLACKBOX - Black Box Registered Trademark

SW-725 Datasheet(HTML) 3 Page - Black Box Registered Trademark

  SW-725 Datasheet HTML 1Page - Black Box Registered Trademark SW-725 Datasheet HTML 2Page - Black Box Registered Trademark SW-725 Datasheet HTML 3Page - Black Box Registered Trademark SW-725 Datasheet HTML 4Page - Black Box Registered Trademark  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
UK +44 (0)151 220 2500 // USA +1 855 958 2502
www.brainboxes.com // sales@brainboxes.com
Ethernet Ports x4 Pin Outs
PoE Pinout 1/2(V+) 3/6(V-) Endspan Mode A
PIN
FUNCTION
1
Tx+
DC+
2
Tx-
DC+
3
Rx+
DC-
4
unused
5
unused
6
Rx-
DC-
7
unused
8
unused
Hardened Industrial 5 Port PoE+ Ethernet Switch
SW-725
Lifetime Warranty and Support:
We can help with every aspect of your project, from getting you up and running to
custom application.
Power Terminal Pin Outs
PIN
FUNCTION
1
-V
2
+VA
3
+VB
4
-V
5 position 3.5mm pitch pluggable
terminal block included
5 position 3.5mm pitch socket compatible with
Euroblock pluggable terminal block connectors



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com