Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW-725 Datasheet(PDF) 1 Page - Black Box Registered Trademark

Part # SW-725
Description  Hardened Industrial 5 Port PoE Ethernet Switch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BLACKBOX [Black Box Registered Trademark]
Direct Link  https://www.blackbox.com/en-us
Logo BLACKBOX - Black Box Registered Trademark

SW-725 Datasheet(HTML) 1 Page - Black Box Registered Trademark

  SW-725 Datasheet HTML 1Page - Black Box Registered Trademark SW-725 Datasheet HTML 2Page - Black Box Registered Trademark SW-725 Datasheet HTML 3Page - Black Box Registered Trademark SW-725 Datasheet HTML 4Page - Black Box Registered Trademark  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UK +44 (0)151 220 2500 // USA +1 855 958 2502
www.brainboxes.com // sales@brainboxes.com
IP20
Integral DIN mount and slim
design takes up minimal
cabinet space
Tough metal casing with
removable numbered power
terminal for easy wiring
Send power and data to
remote CCTV cameras, PoE
telephones, PoE Wifi access
points, NVRs, and more
5 Port (Ports 1-4 PoE+) Unmanaged 10/100 Ethernet Switch DIN Mountable
Hardened Industrial 5 Port PoE+ Ethernet Switch
SW-725
• 5 port PoE+ 10/100 Fast Ethernet device
• Ports 1-4 PoE+ capable
• Fully compliant to IEEE 802.3af/at
• PoE Power Budget: 90W @ 70ºC between
all 4 PoE ports simultaneously
• Industrial temp range: -40ºC to +70ºC
• Redundant dual power inputs: +44V to
+57V DC
• Compact design with integral DIN
mount
• Allows power and data to be combined
on the same Ethernet cable


Similar Part No. - SW-725

ManufacturerPart #DatasheetDescription
logo
Black Box Registered Tr...
SW-705 BLACKBOX-SW-705 Datasheet
1,008Kb / 4P
Hardened 5 Port Ethernet Switch 10/100
logo
Brainboxes Limited
SW-705 BRAINBOXE-SW-705 Datasheet
1Mb / 4P
Hardened 5 Port Ethernet Switch 10/100
180621
logo
Black Box Registered Tr...
SW-708 BLACKBOX-SW-708 Datasheet
951Kb / 4P
Hardened 8 Port Ethernet Switch 10/100
logo
Brainboxes Limited
SW-715 BRAINBOXE-SW-715 Datasheet
1Mb / 4P
4 Port Unmanaged Ethernet Switch DIN Mountable
logo
SHINMEI ELECTRIC CO., L...
SW-74 SHINMEI-SW-74 Datasheet
116Kb / 3P
Push Switch
More results

Similar Description - SW-725

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
EKI-2526PI ADVANTECH-EKI-2526PI Datasheet
560Kb / 1P
5-port Industrial PoE Switch
EKI-2525P-BE ADVANTECH-EKI-2525P-BE Datasheet
335Kb / 2P
5-port Industrial PoE Switch
EKI-3725P-AE ADVANTECH-EKI-3725P-AE Datasheet
603Kb / 2P
5-port Gigabit Unmanaged PoE Industrial Ethernet Switch
logo
ORing Industrial Networ...
IPS-1080-24V ORING-IPS-1080-24V Datasheet
1,019Kb / 3P
Industrial 8-port unmanaged PoE Ethernet switch
TPS-141TX-M12 ORING-TPS-141TX-M12 Datasheet
3Mb / 4P
5-port unmanaged PoE Ethernet switch
TXPS-141XT-M12 ORING-TXPS-141XT-M12 Datasheet
385Kb / 5P
5-port unmanaged PoE Ethernet switch
logo
List of Unclassifed Man...
HEST10M-8E-2G ETC2-HEST10M-8E-2G Datasheet
721Kb / 3P
Industrial Ethernet POE/PoE Switch
logo
Advantech Co., Ltd.
EKI-2525P ADVANTECH-EKI-2525P Datasheet
336Kb / 2P
5-port Industrial PoE Switch
23-Aug-2016
logo
Black Box Registered Tr...
SW-125 BLACKBOX-SW-125 Datasheet
1Mb / 4P
Embedded Industrial 5 Port PoE Ethernet Switch
SW-525 BLACKBOX-SW-525 Datasheet
1Mb / 4P
Industrial 5 Port PoE 10/100 Ethernet Switch
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com