Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM19DY100DO3-ST-R02 Datasheet(PDF) 10 Page - Sharma Electro Components,Inc

Part # DM19DY100DO3-ST-R02
Description  MICA CAPACITORS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARMA [Sharma Electro Components,Inc]
Direct Link  http://www.sharmacomponents.com
Logo SHARMA - Sharma Electro Components,Inc

DM19DY100DO3-ST-R02 Datasheet(HTML) 10 Page - Sharma Electro Components,Inc

Back Button DM19DY100DO3-ST-R02 Datasheet HTML 6Page - Sharma Electro Components,Inc DM19DY100DO3-ST-R02 Datasheet HTML 7Page - Sharma Electro Components,Inc DM19DY100DO3-ST-R02 Datasheet HTML 8Page - Sharma Electro Components,Inc DM19DY100DO3-ST-R02 Datasheet HTML 9Page - Sharma Electro Components,Inc DM19DY100DO3-ST-R02 Datasheet HTML 10Page - Sharma Electro Components,Inc DM19DY100DO3-ST-R02 Datasheet HTML 11Page - Sharma Electro Components,Inc DM19DY100DO3-ST-R02 Datasheet HTML 12Page - Sharma Electro Components,Inc DM19DY100DO3-ST-R02 Datasheet HTML 13Page - Sharma Electro Components,Inc DM19DY100DO3-ST-R02 Datasheet HTML 14Page - Sharma Electro Components,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
Tel: 516-981-6690
Fax: 516-981-6867
SUSCO Engineers & Buyers Guide - Mica Section
10
MICA CAPACITORS
CAPACITANCE
VOLTAGE
VALUE in pF
500 V DC
300 V DC
100 V DC
Lmax.
W max.
T max
Lmax.
W max.
T max
Lmax.
W max.
T max
1 - 18
C
11.43
9.14
4.32
20 - 68
E
11.43
9.14
4.32
75 - 82
E
11.43
9.14
4.57
91 - 100
F
11.68
9.14
4.57
110 - 130
F
11.68
9.40
4.57
150 - 180
F
11.68
9.40
4.83
200
F
11.68
9.65
4.83
220 - 240
F
11.68
9.65
5.08
270 - 390
F
11.94
9.91
5.33
430
F
11.94
9.91
5.33
11.68
9.65
5.08
470 - 510
F
11.94
10.16
5.59
11.68
9.65
5.08
560 - 620
F
12.19
10.41
5.84
11.68
9.65
5.08
680
F
12.45
10.67
6.10
11.94
9.91
5.33
750
F
12.70
10.92
6.35
11.94
9.91
5.33
820
F
11.94
9.91
5.33
11.94
9.91
5.33
910
F
11.94
10.16
5.59
11.94
10.16
5.59
1,000
F
12.19
10.16
5.84
12.19
10.16
5.84
1,100
F
12.45
10.67
6.10
12.19
10.16
5.84
1,200 - 2,000
F
12.70
10.92
6.35
12.45
10.67
6.10
2,200 - 2,500*
F
12.45
10.67
6.10
DM 15 / CM05 Mica Capacitors
* Available only in 50 V rating.
Note: Bold Outlined Sections indicate SUSCO Standard items.
CAPACITANCE
VOLTAGE
VALUE in pF
500 V DC
300 V DC
100 V DC
Lmax.
W max.
T max
Lmax.
W max.
T max
Lmax.
W max.
T max
1 - 18
C
0.450
0.360
0.170
20 - 68
E
0.450
0.360
0.170
75 - 82
E
0.450
0.360
0.180
91 - 100
F
0.460
0.360
0.180
110 - 130
F
0.460
0.370
0.180
150 - 180
F
0.460
0.370
0.190
200
F
0.460
0.380
0.190
220 - 240
F
0.460
0.380
0.200
270 - 390
F
0.470
0.390
0.210
430
F
0.470
0.390
0.210
0.460
0.380
0.200
470 - 510
F
0.470
0.400
0.220
0.460
0.380
0.200
560 - 620
F
0.480
0.410
0.230
0.460
0.380
0.200
680
F
0.490
0.420
0.240
0.470
0.390
0.210
750
F
0.500
0.430
0.250
0.470
0.390
0.210
820
F
0.470
0.390
0.210
0.470
0.390
0.210
910
F
0.470
0.400
0.220
0.470
0.400
0.220
1,000
F
0.480
0.400
0.230
0.480
0.400
0.230
1,100
F
0.490
0.420
0.240
0.480
0.400
0.230
1,200 - 2,000
F
0.500
0.430
0.250
0.490
0.420
0.240
2,200 - 2,500*
F
0.490
0.420
0.240
DM15
CM05
Case
Dimensions
in Millimeters
Lead Spacing:
5.95 ± 0.8mm
DM15
CM05
Case
Dimensions
in Inches
Lead Spacing:
0.234 ± 0.031
DIMENSIONS:
LL = 31.75 mm (1.25”) min.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com