Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM19DY100DO3-ST-R02 Datasheet(PDF) 4 Page - Sharma Electro Components,Inc

Part # DM19DY100DO3-ST-R02
Description  MICA CAPACITORS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARMA [Sharma Electro Components,Inc]
Direct Link  http://www.sharmacomponents.com
Logo SHARMA - Sharma Electro Components,Inc

DM19DY100DO3-ST-R02 Datasheet(HTML) 4 Page - Sharma Electro Components,Inc

  DM19DY100DO3-ST-R02 Datasheet HTML 1Page - Sharma Electro Components,Inc DM19DY100DO3-ST-R02 Datasheet HTML 2Page - Sharma Electro Components,Inc DM19DY100DO3-ST-R02 Datasheet HTML 3Page - Sharma Electro Components,Inc DM19DY100DO3-ST-R02 Datasheet HTML 4Page - Sharma Electro Components,Inc DM19DY100DO3-ST-R02 Datasheet HTML 5Page - Sharma Electro Components,Inc DM19DY100DO3-ST-R02 Datasheet HTML 6Page - Sharma Electro Components,Inc DM19DY100DO3-ST-R02 Datasheet HTML 7Page - Sharma Electro Components,Inc DM19DY100DO3-ST-R02 Datasheet HTML 8Page - Sharma Electro Components,Inc DM19DY100DO3-ST-R02 Datasheet HTML 9Page - Sharma Electro Components,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
Tel: 516-981-6690
Fax: 516-981-6867
SUSCO Engineers & Buyers Guide - Mica Section
4
MICA CAPACITORS
FIGURE 6
FIGURE 7
FIGURE 8
MOISTURE RESISTANCE LOADING
Capacitors shall be subjected to a temperature of 40±2 °C at 90 to 95% relative humidity
with rated voltage for 500 Hours. After the test the samples are maintained at normal
temperature and relative humidity for a period of 4 to 24 hours. When tested after this;
1. The capacitor samples shall be free of cracks, or other mechanical damages and the
marking shall remain legible
2. The samples shall meet the original requirement of the Withstanding voltage
3. The samples shall meet the after test requirement of Insulation resistance as furnished in
Figure 2
4. The dissipation factor shall be within 2 times the original limits
5. The capacitance change shall not exceed ±5% or ±1 pF
LIFE TEST
The capacitor samples shall be subjected to a temperature of
125 °C with 150% of rated
voltage for 2000 hours.
After the test :
1. The capacitor samples shall be free of cracks, or other mechanical damages and the
marking shall remain legible
2. The samples shall meet the original requirement of the
Withstanding voltage
3. The samples shall meet the original requirements of Insulation resistance as furnished in
Figure 1.
4. The dissipation factor shall be within 1.5 times the original limits
5. The capacitance change shall not exceed ±3% or ±1 pF(whichever is greater) for
characteristic "C" and ±2.5 ±1pF (whichever is greater) for characteristic D, E and F.)
OTHER TYPICAL VARIATION PATTERNS
Some typical variation patterns for selected values during heat resistance load life test and
moisture proof load life tests as listed below are illustrated in Figures 8 through 10.
1. Insulation resistance Vs. time for heat resistance load life test and moisture proof load life
tests (Figure 8).
2. Capacitance change in percentage Vs. time (Figure 9).
3. Dissipation factor Vs. time (Figure 10).
Other variation patterns and characteristic for selected values as listed below are furnished
as Figures 11 through 14
1. Capacitance change Vs. frequency (Figure 11)
2. Capacitance change Vs. time(Figure 12)
3. Dissipation factor change Vs. frequency(Figure 13)
4. Insulation resistance Vs. temperature (Figure 14)
FIGURE 9
FIGURE 10
FIGURE 11
FIGURE 12
FIGURE 13
FIGURE 14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com