Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC055 Datasheet(PDF) 1 Page - Vitesse Semiconductor Corporation

Part # VSC055
Description  Enhanced I2C Backplane Controller
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC055 Datasheet(HTML) 1 Page - Vitesse Semiconductor Corporation

  VSC055 Datasheet HTML 1Page - Vitesse Semiconductor Corporation VSC055 Datasheet HTML 2Page - Vitesse Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PHYSICAL LAYER PRODUCT
VSC055
SPECIFICA TIONS:
100-pin PQFP Package
Two Clock Input Ranges: 8 to 10MHz (crystal) or 8.0 to 53.125MHz
(Oscillator)
VSC055 BLOCK DIAGRAM:
Enhanced I2C Backplane Controller
APPLICA TIONS:
Any Embedded Control Application Including:
- SCSI and Fibre Channel JBODs or SBODs
- Disk Arrays
- RAID Subsystems
- Servers
- Telecommunication Equipment
FEA TURES:
Up to 64 Bits of 5 Volt Tolerant, User-definable, Bi-directional
General Purpose I/O
Slave mode I2C serial interface
Integrated Port Bypass, Clock Recovery and Signal Detect Support
for up to 16 Drive Ports
Eight Programmable Fan Speed Monitoring Inputs
Eight Programmable Pulse Width Modulated Fan Control Outputs
Pairing of GPI/O Pins for Direct Input/Output Signal Routing/Buffering
Selectable Direct LED Drive Flashing Capability
Pin-programmable Addressing for up to 16 Devices on a Single Serial Bus
DATACOM PRODUCTS
PB-VSC055-001
PBC
Control
64
General
Purpose
I/O (GPIO)
pins
PWM
Control
I/O and
LED
Control
Fan
Speed
Sensors
I2C
Slave
Interface


Similar Part No. - VSC055

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
VSC050XKM-01 MAXIM-VSC050XKM-01 Datasheet
763Kb / 79P
Two-Wire Serial Backplane Controller
Revision 4.0 November 10, 2004
VSC056 MAXIM-VSC056 Datasheet
1Mb / 134P
Enhanced Two-Wire Serial Backplane Controller
Revision 4.1 January 2008
VSC056KM MAXIM-VSC056KM Datasheet
1Mb / 134P
Enhanced Two-Wire Serial Backplane Controller
Revision 4.1 January 2008
VSC056XKM MAXIM-VSC056XKM Datasheet
1Mb / 134P
Enhanced Two-Wire Serial Backplane Controller
Revision 4.1 January 2008
More results

Similar Description - VSC055

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCF8584 PHILIPS-PCF8584 Datasheet
224Kb / 40P
I2C-bus controller
1997 Oct 21
logo
List of Unclassifed Man...
AIC-33C94 ETC1-AIC-33C94 Datasheet
107Kb / 2P
Enhanced SCSI Bus Controller
logo
Zilog, Inc.
Z85230 ZILOG-Z85230 Datasheet
1Mb / 120P
ENHANCED SERIAL COMMUNICATIONS CONTROLLER
logo
Maxim Integrated Produc...
VSC060 MAXIM-VSC060 Datasheet
1Mb / 166P
Enhanced High-Density Two-Wire Serial Backplane Controller
Revision 4.1 January 2008
VSC056 MAXIM-VSC056 Datasheet
1Mb / 134P
Enhanced Two-Wire Serial Backplane Controller
Revision 4.1 January 2008
logo
Zilog, Inc.
Z8523016VEG ZILOG-Z8523016VEG Datasheet
1Mb / 118P
Enhanced Serial Communications Controller
Z8523020PSG ZILOG-Z8523020PSG Datasheet
1Mb / 118P
Enhanced Serial Communications Controller
Z8523020VSG ZILOG-Z8523020VSG Datasheet
1Mb / 118P
Enhanced Serial Communications Controller
logo
SiGe Semiconductor, Inc...
AATIAN17 SIGE-AATIAN17 Datasheet
222Kb / 6P
I2C/S2Cwire??Controller
logo
Vitesse Semiconductor C...
SSC050 VITESSE-SSC050 Datasheet
41Kb / 2P
I2C Backplane Controller Product Brief
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com