Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC055 Datasheet(PDF) 2 Page - Vitesse Semiconductor Corporation

Part # VSC055
Description  Enhanced I2C Backplane Controller
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC055 Datasheet(HTML) 2 Page - Vitesse Semiconductor Corporation

  VSC055 Datasheet HTML 1Page - Vitesse Semiconductor Corporation VSC055 Datasheet HTML 2Page - Vitesse Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
For more information on Vitesse Products visit the Vitesse web site
at www.vitesse.com or contact Vitesse Sales at (800) VITESSE
or sales@vitesse.com
©2003 Vitesse Semiconductor Corporation
741 Calle Plano
Camarillo, CA 93012, USA
Tel: +1 805.388.3700
Fax: +1 805.987.5896
www.vitesse.com
The VSC055 Enhanced I2C Backplane
Controller is an integrated CMOS circuit
that significantly reduces system cost by
integrating all of the digital logic typically
required to monitor a storage enclosure.
The VSC055 may be used in any embedded control application
including parallel SCSI, Fibre Channel or any other application
where the monitoring and control of a large number of digital I/O
signals is required. Programming the VSC055 is easy through a
VSC055 APPLICA TION DIAGRAM:
convenient programming model, which reduces the overall
duration of the design-in cycle. Data is read from and written to
the device over an addressable I2C serial interface, allowing
multiple VSC055 devices on a single two-wire bus.
Furthermore, a key strength of the VSC055 is the ease in which it
interoperates with Vitesse Fibre Channel port bypass circuits
(PBC) and Enclosure Management Controllers, to provide a
complete storage control chipset.
GENERAL DESCRIPTION:
Enhanced I2C Backplane Controller
VSC055
Flash
(1M x 8 or
RS-485
xcvr
Power Supplies
& Fans
LM75
(Temp)
Flash
(1M x 8 or
512K x16)
X24C16
EEPROM
LM75
(Temp)
512K x 16)
X24C16
EEPROM
RS-485
xcvr
Drive 7
Drive 8
Drive 9
Drive 10
Drive 11
Drive 12
Drive 1
Drive 2
Drive 3
Drive 4
Drive 5
Drive 6
Drive 13
Drive 14
Local I/O (x26)
Local I/O (x26)
Arbitrated Loop A
Arbitrated Loop B
Heartbeat
DownStream
DownStream
UpStream
UpStream
DRIVE PRESENT and
FAULT LEDS
DRIVE PRESENT and
FAULT LEDS
POWER SUPPLY CONTROL,
POWER SUPPLY CONTROL,
ICMB (opt.)
ICMB (opt.)
FAN TACHS and PWM
FAN TACHS and PWM
GPIOs
GPIOs
Enclosure
Controller
Vitesse
Backplane
Controller
VSC055
Vitesse
Backplane
Controller
VSC055
Vitesse
Enclosure
Controller
VSC120
Vitesse
VSC120
I2C I/F
I2C I/F
I2C I/F



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com