Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLK1201ARCPR Datasheet(PDF) 7 Page - Texas Instruments

Part # TLK1201ARCPR
Description  ETHERNET TRANSCEIVERS
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLK1201ARCPR Datasheet(HTML) 7 Page - Texas Instruments

Back Button TLK1201ARCPR Datasheet HTML 3Page - Texas Instruments TLK1201ARCPR Datasheet HTML 4Page - Texas Instruments TLK1201ARCPR Datasheet HTML 5Page - Texas Instruments TLK1201ARCPR Datasheet HTML 6Page - Texas Instruments TLK1201ARCPR Datasheet HTML 7Page - Texas Instruments TLK1201ARCPR Datasheet HTML 8Page - Texas Instruments TLK1201ARCPR Datasheet HTML 9Page - Texas Instruments TLK1201ARCPR Datasheet HTML 10Page - Texas Instruments TLK1201ARCPR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
www.ti.com
K28.5
DXX.X
td(S)
td(H)
td(S)
td(H)
K28.5
DXX.X
DXX.X
DXX.X
DXX.X
DXX.X
K28.5
K28.5
DXX.X
Bits 0-4 Bits 5-9
RBC0
SYNC
RD(0-4)
Receiver Word Alignment
Comma Character on Expected Boundary
Comma Character Not on Expected Boundary
TLK1201ARCP, TLK1201AIRCP
ETHERNET TRANSCEIVERS
SLLS580A – FEBRUARY 2004 – REVISED JUNE 2004
In the double data rate mode, the receiver presents the data on both the rising and falling edges of RBC0. RBC1
is low impedance. The data is clocked bit 0 first, and aligned to the rising edge of RBC0. See the timing diagram
shown in Figure 4.
Figure 4. Synchronous Timing Characteristics Waveforms (DDR Mode)
The receiver clock interpolator can lock to the incoming data without the need for a lock-to-reference preset. The
received serial data rate (RXP and RXN) is at the same baud rate as the transmitted data stream,
±0.02% (200
PPM) for proper operation (see the recommended operating tables).
This device uses the IEEE 802.3 gigabit ethernet defined 10-bit K28.5 character (comma character) word
alignment scheme. The following sections explain how this scheme works and how it realigns itself.
This device provides 10-bit K28.5 character recognition and word alignment. The 10-bit word alignment is
enabled by forcing the SYNCEN terminal high. This enables the function that examines and compares serial
input data to the 7-bit synchronization pattern. The K28.5 character is defined by 8-bit/10-bit coding scheme as a
pattern consisting of 0011111010 (a negative number beginning with disparity) with the 7 MSBs (0011111),
referred to as the comma character. The K28.5 character was implemented specifically for aligning data words.
As long as the K28.5 character falls within the expected 10-bit boundary, the received 10-bit data is properly
aligned and data realignment is not required. Figure 2 shows the timing characteristics of RBC0, RBC1, SYNC,
and RD0–RD9 while synchronized. (Note: the K28.5 character is valid on the rising edge of RBC1.)
If synchronization is enabled and a K28.5 character straddles the expected 10-bit word boundary, then word
realignment is necessary. Realignment or shifting the 10-bit word boundary truncates the character following the
misaligned K28.5, but the following K28.5 and all subsequent data is aligned properly as shown in Figure 5. The
RBC0 and RBC1 pulse widths are stretched or stalled in their current state during realignment. With this design,
the maximum stretch that occurs is 20 bit times. This occurs during a worst case scenario when the K28.5 is
aligned to the falling edge of RBC1 instead of the rising edge. Figure 5 shows the timing characteristics of the
data realignment.
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com