Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLK1201ARCPR Datasheet(PDF) 13 Page - Texas Instruments

Part # TLK1201ARCPR
Description  ETHERNET TRANSCEIVERS
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLK1201ARCPR Datasheet(HTML) 13 Page - Texas Instruments

Back Button TLK1201ARCPR Datasheet HTML 9Page - Texas Instruments TLK1201ARCPR Datasheet HTML 10Page - Texas Instruments TLK1201ARCPR Datasheet HTML 11Page - Texas Instruments TLK1201ARCPR Datasheet HTML 12Page - Texas Instruments TLK1201ARCPR Datasheet HTML 13Page - Texas Instruments TLK1201ARCPR Datasheet HTML 14Page - Texas Instruments TLK1201ARCPR Datasheet HTML 15Page - Texas Instruments TLK1201ARCPR Datasheet HTML 16Page - Texas Instruments TLK1201ARCPR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
www.ti.com
CL
5 pF
CL
5 pF
50
Ω
50
Ω
LVTTL OUTPUT SWITCHING CHARACTERISTICS
tr
tf
CLOCK
80%
50%
20%
tr
tf
2 V
0.8 V
DATA
1.4 V
TRANSMITTER TIMING REQUIREMENTS
TLK1201ARCP, TLK1201AIRCP
ETHERNET TRANSCEIVERS
SLLS580A – FEBRUARY 2004 – REVISED JUNE 2004
Figure 8. Transmitter Test Setup
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tr(RBC)
Clock rise time
0.3
1.5
ns
tf(RBC)
Clock fall time
0.3
1.5
80% to 20% output voltage, C = 5 pF (see
Figure 9)
tr
Data rise time
0.3
1.5
ns
tf
Data fall time
0.3
1.5
Data setup time (RD0–RD9), Data
tsu(D1)
TBI normal mode, (see Figure 3)
2.5
ns
valid prior to RBC0 rising
Data hold time (RD0–RD9), Data valid
th(D1)
TBI normal mode, (see Figure 3)
2
ns
after RBC0 rising
tsu(D2)
Data setup time (RD0–RD4)
DDR mode, Rω = 125 MHz, (see Figure 4)
2
ns
th(D2)
Data hold time (RD0–RD4)
DDR mode, Rω = 125 MHz, (see Figure 4)
0.8
ns
tsu(D3)
Data setup time (RD0–RD9)
TBI half-rate mode, Rω = 125 MHz, (see Figure 2)
2.5
ns
th(D3)
Data hold time (RD0–RD9)
TBI half-rate mode, Rω = 125 MHz, (see Figure 2)
1.5
ns
Figure 9. TTL Data I/O Valid Levels for AC Measurement
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tsu(D4)
Data setup time (TD0–TD9)
1.6
TBI modes
ns
th(D4)
Data hold time (TD0–TD9)
0.8
tsu(D5)
Data setup time (TD0–TD9)
0.7
DDR modes
ns
th(D5)
Data hold time (TD0–TD9)
0.5
tr, tf
TD[0,9] data rise and fall time
See Figure 9
2
ns
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com