Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3PM2 Datasheet(PDF) 3 Page - Semtech Corporation

Part # 3PM2
Description  AXIAL LEADED HERMETICALLY SEALED STANDARD RECOVERY RECTIFIER DIODE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

3PM2 Datasheet(HTML) 3 Page - Semtech Corporation

  3PM2 Datasheet HTML 1Page - Semtech Corporation 3PM2 Datasheet HTML 2Page - Semtech Corporation 3PM2 Datasheet HTML 3Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
© 1997 SEMTECH CORP.
652 MITCHELL ROAD NEWBURY PARK CA 91320
RECTIFIER, up to 1kV, 3.5A, 2.5µs
3PM2
3PM4
3PM6
3PM8
3PM0
January 7, 1998



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com