Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3PM2 Datasheet(PDF) 1 Page - Semtech Corporation

Part # 3PM2
Description  AXIAL LEADED HERMETICALLY SEALED STANDARD RECOVERY RECTIFIER DIODE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

3PM2 Datasheet(HTML) 1 Page - Semtech Corporation

  3PM2 Datasheet HTML 1Page - Semtech Corporation 3PM2 Datasheet HTML 2Page - Semtech Corporation 3PM2 Datasheet HTML 3Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
© 1997 SEMTECH CORP.
652 MITCHELL ROAD NEWBURY PARK CA 91320
RECTIFIER, up to 1kV, 3.5A, 2.5µs
3PM2
3PM4
3PM6
3PM8
3PM0
January 7, 1998
TEL:805-498-2111 FAX:805-498-3804 WEB:http://www.semtech.com


Similar Part No. - 3PM2

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
3PMT100A MICROSEMI-3PMT100A Datasheet
491Kb / 3P
POWERMITE Low Profile 1500 Watt Transient Voltage Suppressor
3PMT10A MICROSEMI-3PMT10A Datasheet
491Kb / 3P
POWERMITE Low Profile 1500 Watt Transient Voltage Suppressor
3PMT110A MICROSEMI-3PMT110A Datasheet
491Kb / 3P
POWERMITE Low Profile 1500 Watt Transient Voltage Suppressor
3PMT11A MICROSEMI-3PMT11A Datasheet
491Kb / 3P
POWERMITE Low Profile 1500 Watt Transient Voltage Suppressor
3PMT120A MICROSEMI-3PMT120A Datasheet
491Kb / 3P
POWERMITE Low Profile 1500 Watt Transient Voltage Suppressor
More results

Similar Description - 3PM2

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
1N5550 SEMTECH-1N5550 Datasheet
159Kb / 4P
Axial Leaded Hermetically Sealed Standard Recovery Rectifier Diode
1N3611 SEMTECH-1N3611 Datasheet
95Kb / 2P
Axial Leaded Hermetically Sealed Standard Recovery Rectifier Diode
1N5550 SEMTECH-1N5550_08 Datasheet
159Kb / 4P
Axial Leaded Hermetically Sealed Standard Recovery Rectifier Diode
2PFF6 SEMTECH-2PFF6 Datasheet
108Kb / 4P
Axial Leaded Hermetically Sealed Superfast Recovery Rectifier Diode
2PFF8 SEMTECH-2PFF8 Datasheet
115Kb / 4P
Axial Leaded Hermetically Sealed Superfast Recovery Rectifier Diode
PFF2 SEMTECH-PFF2 Datasheet
148Kb / 4P
Axial Leaded Hermetically Sealed Superfast Recovery Rectifier Diode
PFF8 SEMTECH-PFF8 Datasheet
107Kb / 4P
Axial Leaded Hermetically Sealed Superfast Recovery Rectifier Diode
PFRO SEMTECH-PFRO Datasheet
111Kb / 4P
Axial Leaded Hermetically Sealed Superfast Recovery Rectifier Diode
PM6 SEMTECH-PM6 Datasheet
99Kb / 3P
Axial Leaded Hermetically Sealed Standard Recovery Rectifier Diode
logo
New Jersey Semi-Conduct...
3SM2 NJSEMI-3SM2 Datasheet
74Kb / 2P
Axial Leaded Hermetically Sealed Standard Recovery Rectifier Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com