Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSYT676 Datasheet(PDF) 2 Page - ams AG

Part # LSYT676
Description  Two chip LEDs for indicators that allow to display red, green and yellow by color mixing
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

LSYT676 Datasheet(HTML) 2 Page - ams AG

  LSYT676 Datasheet HTML 1Page - ams AG LSYT676 Datasheet HTML 2Page - ams AG LSYT676 Datasheet HTML 3Page - ams AG LSYT676 Datasheet HTML 4Page - ams AG LSYT676 Datasheet HTML 5Page - ams AG LSYT676 Datasheet HTML 6Page - ams AG LSYT676 Datasheet HTML 7Page - ams AG LSYT676 Datasheet HTML 8Page - ams AG LSYT676 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
LSY T676
DATASHEET
DATASHEET
2 | Version 1.2 | 2022-05-10
Multi TOPLED®
LSY T676
Two chip LEDs for indicators that allow to display red, green
and yellow by color mixing
Applications
- Electronic Equipment
Features
- Package: white PLCC-4 package, colorless clear resin
- Chip technology: InGaAlP
- Typ. Radiation: 120° (Lambertian emitter)
- Color: λ
dom = 630 nm (● super red); λdom = 587 nm (● yellow)
- Optical efficacy: 7 lm/W; 11 lm/W
- Corrosion Robustness Class: 3B
- Qualifications: The product qualification test plan is based on the guidelines of AEC-Q101-REV-C,
Stress Test Qualification for Automotive Grade Discrete Semiconductors.
- ESD: 2 kV acc. to ANSI/ESDA/JEDEC JS-001 (HBM, Class 2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com