Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSYT676 Datasheet (PDF) - ams AG

LSYT676 Datasheet PDF - ams AG
Part # LSYT676
Download  LSYT676 Download
File Size   1897.04 Kbytes
Page   24 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description Two chip LEDs for indicators that allow to display red, green and yellow by color mixing

LSYT676 Datasheet (PDF)

Go To PDF Page Download Datasheet
LSYT676 Datasheet PDF - ams AG

Part # LSYT676
Download  LSYT676 Click to download

File Size   1897.04 Kbytes
Page   24 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description Two chip LEDs for indicators that allow to display red, green and yellow by color mixing

LSYT676 Datasheet (HTML) - ams AG


LSYT676 Product details

Features
- Package: white PLCC-4 package, colorless clear resin
- Chip technology: InGaAlP
- Typ. Radiation: 120° (Lambertian emitter)
- Color: λdom = 630 nm (● super red); λdom = 587 nm (● yellow)
- Optical efficacy: 7 lm/W; 11 lm/W
- Corrosion Robustness Class: 3B
- Qualifications: The product qualification test plan is based on the guidelines of AEC-Q101-REV-C,
Stress Test Qualification for Automotive Grade Discrete Semiconductors.
- ESD: 2 kV acc. to ANSI/ESDA/JEDEC JS-001 (HBM, Class 2)





Similar Part No. - LSYT676

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
LSYT676 SIEMENS-LSYT676 Datasheet
292Kb / 6P
Hyper Multi TOPLED Hyper-Bright LED
logo
OSRAM GmbH
LSYT676 OSRAM-LSYT676 Datasheet
398Kb / 17P
optical indicators
logo
Siemens Semiconductor G...
LSYT676-P+P SIEMENS-LSYT676-P+P Datasheet
292Kb / 6P
Hyper Multi TOPLED Hyper-Bright LED
LSYT676-P+Q SIEMENS-LSYT676-P+Q Datasheet
292Kb / 6P
Hyper Multi TOPLED Hyper-Bright LED
LSYT676-P+R SIEMENS-LSYT676-P+R Datasheet
292Kb / 6P
Hyper Multi TOPLED Hyper-Bright LED
More results


Similar Description - LSYT676

ManufacturerPart #DatasheetDescription
logo
Rohm
SML-020 ROHM-SML-020 Datasheet
125Kb / 6P
Two-color chip LEDs with reflectors
logo
Siemens Semiconductor G...
LU5350 SIEMENS-LU5350 Datasheet
98Kb / 1P
TWO-COLOR, RED AND GREEN T1 LED LAMP
LUB370 SIEMENS-LUB370 Datasheet
96Kb / 1P
TWO-COLOR, RED AND GREEN RECTANGULAR LED LAMP
LUH370 SIEMENS-LUH370 Datasheet
415Kb / 10P
TWO-COLOR, RED AND GREEN CYLINDER LED LAMP
logo
Rohm
SML-521 ROHM-SML-521 Datasheet
70Kb / 4P
Two-color chip LEDs, super small type
logo
NTE Electronics
NTE30108 NTE-NTE30108 Datasheet
83Kb / 2P
LED − Dual Color 5mm Super Red/Yellow Green
logo
Rohm
SML-020 ROHM-SML-020_1 Datasheet
130Kb / 4P
Two-color chip LEDs with reflectors
SML-020MVTT86 ROHM-SML-020MVTT86 Datasheet
105Kb / 6P
Two-color chip LEDs with reflectors
logo
Lumileds Lighting Compa...
CS130 LUMILEDS-CS130 Datasheet
1Mb / 3P
Innovative color mixing LEDs enable compact
logo
New Japan Radio
NJL5513R NJRC-NJL5513R Datasheet
767Kb / 19P
Biomonitoring Sensor with Red & IR & Two Green LEDs
Ver.1
More results




About ams AG


ams AG is a multinational company that designs and manufactures advanced sensor solutions and analog ICs (integrated circuits). The company was founded in 1981 in Austria and has its headquarters in Premstaetten, Austria.

ams AG's product portfolio includes sensors for applications such as mobile devices, automotive, industrial automation, medical, and smart homes. The company also provides ICs for power management, wireless connectivity, and audio processing.

In recent years, ams AG has expanded its business through acquisitions of companies such as TAOS Inc., Heptagon, and Osram Licht AG, which have strengthened the company's expertise in optical sensing and lighting technologies.

ams AG is listed on the SIX Swiss Exchange and has a global presence with offices and production sites in Europe, Asia, and the Americas.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com