Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSYT676 Datasheet (PDF) - OSRAM GmbH

LSYT676 Datasheet PDF - OSRAM GmbH
Part # LSYT676
Download  LSYT676 Download
File Size   398.16 Kbytes
Page   17 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description optical indicators

LSYT676 Datasheet (PDF)

Go To PDF Page Download Datasheet
LSYT676 Datasheet PDF - OSRAM GmbH

Part # LSYT676
Download  LSYT676 Click to download

File Size   398.16 Kbytes
Page   17 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description optical indicators

LSYT676 Datasheet (HTML) - OSRAM GmbH


LSYT676 Product details

Features
• package: white P-LCC-4 package, colorless
    clear resin
• feature of the device: with appropriate
    controlling it is possible to change colors from
    yellow via orange to red
• wavelength: 633 nm (super-red),
    587 nm (yellow)
• viewing angle: Lambertian Emitter (120°)
• technology: InGaAlP
• optical efficiency: 11 lm/W (yellow),
    7 lm/W (super-red)
• grouping parameter: luminous intensity
• assembly methods: suitable for all
    SMT assembly methods
• soldering methods: IR reflow soldering and
    TTW soldering
• preconditioning: acc. to JEDEC Level 2
• taping: 8 mm tape with 2000/reel, ø180 mm or
    8000/reel, ø330 mm
• Superior Corrosion Robustness:
    details see page 10
   
Applications
• optical indicators
• coupling into light guides
• backlighting (LCD, switches, keys, displays,
    illuminated advertising, general lighting)
   




Similar Part No. - LSYT676

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
LSYT676 SIEMENS-LSYT676 Datasheet
292Kb / 6P
Hyper Multi TOPLED Hyper-Bright LED
logo
ams AG
LSYT676 AMSCO-LSYT676 Datasheet
1Mb / 24P
Two chip LEDs for indicators that allow to display red, green and yellow by color mixing
Version 1.2 2022-05-10
logo
Siemens Semiconductor G...
LSYT676-P+P SIEMENS-LSYT676-P+P Datasheet
292Kb / 6P
Hyper Multi TOPLED Hyper-Bright LED
LSYT676-P+Q SIEMENS-LSYT676-P+Q Datasheet
292Kb / 6P
Hyper Multi TOPLED Hyper-Bright LED
LSYT676-P+R SIEMENS-LSYT676-P+R Datasheet
292Kb / 6P
Hyper Multi TOPLED Hyper-Bright LED
More results


Similar Description - LSYT676

ManufacturerPart #DatasheetDescription
logo
QT Optoelectronics
MV53173 QT-MV53173 Datasheet
309Kb / 3P
PANEL INDICATORS
logo
Omron Electronics LLC
K3HB OMRON-K3HB Datasheet
1Mb / 32P
Digital Indicators
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-1700-B00A1 AVAGO-HLMP-1700-B00A1 Datasheet
294Kb / 10P
Telecommunications indicators
HLMP-1719-A00A2 AVAGO-HLMP-1719-A00A2 Datasheet
294Kb / 10P
Telecommunications indicators
logo
Copal Electronics
PZ-200 COPAL-PZ-200_16 Datasheet
91Kb / 4P
PRESSURE INDICATORS
PZ-30 COPAL-PZ-30_16 Datasheet
139Kb / 7P
PRESSURE INDICATORS
logo
OSRAM GmbH
LSGT77K-JL-1-HK-1 OSRAM-LSGT77K-JL-1-HK-1 Datasheet
365Kb / 16P
optical indicators
LSYT676-P2R1-1-Q2S1-35 OSRAM-LSYT676-P2R1-1-Q2S1-35 Datasheet
398Kb / 17P
optical indicators
LOGT77K OSRAM-LOGT77K Datasheet
519Kb / 16P
optical indicators
LSYT67B OSRAM-LSYT67B Datasheet
429Kb / 15P
optical indicators
More results




About OSRAM GmbH


OSRAM GmbH is a leading global lighting technology company based in Munich, Germany.
It was established in 1919 and offers a wide range of lighting solutions for various industries such as automotive, entertainment, architecture, and general lighting.
OSRAM's products include traditional light bulbs, LED lamps, electronic control gear, and digital lighting systems.
The company operates globally, with a presence in over 140 countries and employs over 26,000 people worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com