Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC2G53 Datasheet(PDF) 4 Page - Nexperia B.V. All rights reserved

Part # 74LVC2G53
Description  2-channel analog multiplexer/demultiplexer
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC2G53 Datasheet(HTML) 4 Page - Nexperia B.V. All rights reserved

  74LVC2G53 Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74LVC2G53 Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74LVC2G53 Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74LVC2G53 Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74LVC2G53 Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74LVC2G53 Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74LVC2G53 Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74LVC2G53 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74LVC2G53 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
Nexperia
74LVC2G53
2-channel analog multiplexer/demultiplexer
9. Recommended operating conditions
Table 6. Operating conditions
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
1.65
5.5
V
VI
input voltage
0
5.5
V
VSW
switch voltage
enable and disable mode
[1]
0
VCC
V
Tamb
ambient temperature
-40
+125
°C
VCC = 1.65 V to 2.7 V
[2]
-
20
ns/V
Δt/ΔV
input transition rise and fall rate
VCC = 2.7 V to 5.5 V
[2]
-
10
ns/V
[1] To avoid sinking GND current from terminal Z when switch current flows in terminal Yn, the voltage drop across the bidirectional switch
must not exceed 0.4 V. If the switch current flows into terminal Z, no GND current will flow from terminal Yn. In this case, there is no
limit for the voltage drop across the switch.
[2] Applies to control signal levels.
10. Static characteristics
Table 7. Static characteristics
At recommended operating conditions; voltages are referenced to GND (ground 0 V).
-40 °C to +85 °C
-40 °C to +125 °C
Symbol Parameter
Conditions
Min
Typ [1]
Max
Min
Max
Unit
VCC = 1.65 V to 1.95 V
0.65VCC
-
-
0.65VCC
-
V
VCC = 2.3 V to 2.7 V
1.7
-
-
1.7
-
V
VCC = 3 V to 3.6 V
2.0
-
-
2.0
-
V
VIH
HIGH-level input
voltage
VCC = 4.5 V to 5.5 V
0.7VCC
-
-
0.7VCC
-
V
VCC = 1.65 V to 1.95 V
-
-
0.35VCC
-
0.35VCC V
VCC = 2.3 V to 2.7 V
-
-
0.7
-
0.7
V
VCC = 3 V to 3.6 V
-
-
0.8
-
0.8
V
VIL
LOW-level input
voltage
VCC = 4.5 V to 5.5 V
-
-
0.3VCC
0.3VCC V
II
input leakage
current
pin S and pin E;
VI = 5.5 V or GND;
VCC = 0 V to 5.5 V
[2]
-
±0.1
±1
-
±1
μA
IS(OFF)
OFF-state
leakage current
VCC = 5.5 V; see Fig. 5
[2]
-
±0.1
±0.2
-
±0.5
μA
IS(ON)
ON-state leakage
current
VCC = 5.5 V; see Fig. 6
[2]
-
±0.1
±1
-
±2
μA
ICC
supply current
VI = 5.5 V or GND;
VSW = GND or VCC;
VCC = 1.65 V to 5.5 V
[2]
-
0.1
4
-
4
μA
ΔICC
additional supply
current
pin S and pin E;
VI = VCC - 0.6 V;
VSW = GND or VCC;
VCC = 5.5 V
[2]
-
5
500
-
500
μA
74LVC2G53
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2021. All rights reserved
Product data sheet
Rev. 14 — 22 April 2021
4 / 23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com