Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC2G53 Datasheet(PDF) 13 Page - Nexperia B.V. All rights reserved

Part # 74LVC2G53
Description  2-channel analog multiplexer/demultiplexer
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC2G53 Datasheet(HTML) 13 Page - Nexperia B.V. All rights reserved

Back Button 74LVC2G53 Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74LVC2G53 Datasheet HTML 10Page - Nexperia B.V. All rights reserved 74LVC2G53 Datasheet HTML 11Page - Nexperia B.V. All rights reserved 74LVC2G53 Datasheet HTML 12Page - Nexperia B.V. All rights reserved 74LVC2G53 Datasheet HTML 13Page - Nexperia B.V. All rights reserved 74LVC2G53 Datasheet HTML 14Page - Nexperia B.V. All rights reserved 74LVC2G53 Datasheet HTML 15Page - Nexperia B.V. All rights reserved 74LVC2G53 Datasheet HTML 16Page - Nexperia B.V. All rights reserved 74LVC2G53 Datasheet HTML 17Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
Nexperia
74LVC2G53
2-channel analog multiplexer/demultiplexer
11.2. Additional dynamic characteristics
Table 12. Additional dynamic characteristics
At recommended operating conditions; voltages are referenced to GND (ground = 0 V); Tamb = 25 °C.
Symbol Parameter
Conditions
Min
Typ
Max
Unit
fi = 600 Hz to 20 kHz; RL = 600 Ω;
CL = 50 pF; VI = 0.5 V (p-p); see Fig. 17
VCC = 1.65 V
-
0.260
-
%
VCC = 2.3 V
-
0.078
-
%
VCC = 3.0 V
-
0.078
-
%
THD
total harmonic distortion
VCC = 4.5 V
-
0.078
-
%
RL = 50 Ω; CL = 5 pF; see Fig. 18
VCC = 1.65 V
-
200
-
MHz
VCC = 2.3 V
-
300
-
MHz
VCC = 3.0 V
-
300
-
MHz
f(-3dB)
-3 dB frequency response
VCC = 4.5 V
-
300
-
MHz
RL = 50 Ω; CL = 5 pF; fi = 10 MHz;
see Fig. 19
VCC = 1.65 V
-
-42
-
dB
VCC = 2.3 V
-
-42
-
dB
VCC = 3.0 V
-
-40
-
dB
αiso
isolation (OFF-state)
VCC = 4.5 V
-
-40
-
dB
CL = 0.1 nF; Vgen = 0 V; Rgen = 0 Ω;
fi = 1 MHz; RL = 1 MΩ; see Fig. 20
VCC = 1.8 V
-
3.3
-
pC
VCC = 2.5 V
-
4.1
-
pC
VCC = 3.3 V
-
5.0
-
pC
VCC = 4.5 V
-
6.4
-
pC
Qinj
charge injection
VCC = 5.5 V
-
7.5
-
pC
11.3. Test circuits
D
001aad394
600 Ω
10 µF
0.1 µF
S
Z
Y0
Y1
VCC
0.5VCC
GND
CL
RL
switch
switch
1
1
2
2
VIH
VIL
S
VIL
VIL
E
fi
VIL or VIH
E
VIL
Fig. 17. Test circuit for measuring total harmonic distortion
74LVC2G53
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2021. All rights reserved
Product data sheet
Rev. 14 — 22 April 2021
13 / 23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com