Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC2G53DP Datasheet(PDF) 3 Page - Nexperia B.V. All rights reserved

Part # 74LVC2G53DP
Description  2-channel analog multiplexer/demultiplexer
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC2G53DP Datasheet(HTML) 3 Page - Nexperia B.V. All rights reserved

  74LVC2G53DP Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74LVC2G53DP Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74LVC2G53DP Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74LVC2G53DP Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74LVC2G53DP Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74LVC2G53DP Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74LVC2G53DP Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74LVC2G53DP Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74LVC2G53DP Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
Nexperia
74LVC2G53
2-channel analog multiplexer/demultiplexer
6.2. Pin description
Table 3. Pin description
Symbol
Pin
Description
Z
1
common output or input
E
2
enable input (active LOW)
GND
3
ground (0 V)
GND
4
ground (0 V)
S
5
select input
Y1
6
independent input or output
Y0
7
independent input or output
VCC
8
supply voltage
7. Functional description
Table 4. Function table
H = HIGH voltage level; L = LOW voltage level; X = don’t care; Z = high-impedance OFF-state.
Input
S
E
Channel on
L
L
Y0 to Z or Z to Y0
H
L
Y1 to Z or Z to Y1
X
H
Z
8. Limiting values
Table 5. Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
-0.5
+6.5
V
VI
input voltage
[1]
-0.5
+6.5
V
IIK
input clamping current
VI < -0.5 V or VI > VCC + 0.5 V
-50
-
mA
ISK
switch clamping current
VI < -0.5 V or VI > VCC + 0.5 V
-
±50
mA
VSW
switch voltage
enable and disable mode
[2]
-0.5
VCC + 0.5 V
ISW
switch current
VSW > -0.5 V or VSW < VCC + 0.5 V
-
±50
mA
ICC
supply current
-
100
mA
IGND
ground current
-100
-
mA
Tstg
storage temperature
-65
+150
°C
Ptot
total power dissipation
Tamb = -40 °C to +125 °C
[3]
-
250
mW
[1] The minimum input voltage rating may be exceeded if the input current rating is observed.
[2] The minimum and maximum switch voltage ratings may be exceeded if the switch clamping current rating is observed.
[3] For SOT505-2 (TSSOP8) package: Ptot derates linearly with 4.6 mW/K above 96 °C.
For SOT765-1 (VSSOP8) package: Ptot derates linearly with 4.9 mW/K above 99 °C.
For SOT833-1 (XSON8) package: Ptot derates linearly with 3.1 mW/K above 68 °C.
For SOT1116 (XSON8) package: Ptot derates linearly with 4.2 mW/K above 90 °C.
For SOT1203 (XSON8) package: Ptot derates linearly with 3.6 mW/K above 81 °C.
74LVC2G53
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2021. All rights reserved
Product data sheet
Rev. 14 — 22 April 2021
3 / 23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com