Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC2G53DP Datasheet(PDF) 5 Page - Nexperia B.V. All rights reserved

Part # 74LVC2G53DP
Description  2-channel analog multiplexer/demultiplexer
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC2G53DP Datasheet(HTML) 5 Page - Nexperia B.V. All rights reserved

  74LVC2G53DP Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74LVC2G53DP Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74LVC2G53DP Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74LVC2G53DP Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74LVC2G53DP Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74LVC2G53DP Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74LVC2G53DP Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74LVC2G53DP Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74LVC2G53DP Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
Nexperia
74LVC2G53
2-channel analog multiplexer/demultiplexer
-40 °C to +85 °C
-40 °C to +125 °C
Symbol Parameter
Conditions
Min
Typ [1]
Max
Min
Max
Unit
CI
input capacitance
-
2.5
-
-
-
pF
CS(OFF) OFF-state
capacitance
-
6.0
-
-
-
pF
CS(ON)
ON-state
capacitance
-
18
-
-
-
pF
[1] Typical values are measured at Tamb = 25 °C.
[2] These typical values are measured at VCC = 3.3 V.
10.1. Test circuits
VO
IS
001aad390
S
Z
E
Y0
Y1
VCC
GND
switch
switch
1
1
2
2
VIH
VIL
S
VIH
VIH
E
VI
VIL or VIH
VIH
VI = VCC or GND; VO = GND or VCC.
Fig. 5. Test circuit for measuring OFF-state leakage current
IS
001aad391
S
Z
E
Y0
Y1
VCC
GND
VI
VIL or VIH
VIL
switch
1
2
VIH
VIL
S
VIL
VIL
E
VO
switch
1
2
VI = VCC or GND and VO = open circuit.
Fig. 6. Test circuit for measuring ON-state leakage current
74LVC2G53
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2021. All rights reserved
Product data sheet
Rev. 14 — 22 April 2021
5 / 23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com