Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVCU04AD Datasheet(PDF) 7 Page - Nexperia B.V. All rights reserved

Part # 74LVCU04AD
Description  Hex unbuffered inverter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVCU04AD Datasheet(HTML) 7 Page - Nexperia B.V. All rights reserved

Back Button 74LVCU04AD Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74LVCU04AD Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74LVCU04AD Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74LVCU04AD Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74LVCU04AD Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74LVCU04AD Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74LVCU04AD Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74LVCU04AD Datasheet HTML 10Page - Nexperia B.V. All rights reserved 74LVCU04AD Datasheet HTML 11Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Nexperia
74LVCU04A
Hex unbuffered inverter
mna929
VCC
Rbias = 560 kΩ
input
0.47 µF
100 µF
output
A Io
Vi
(f = 1 kHz)
fi = 1 kHz at VO is constant
Fig. 8. Test setup for measuring forward
transconductance
mna930
0
1
2
4
100
0
80
3
60
40
20
VCC(V)
gfs
(mA/V)
Tamb = 25 °C
Fig. 9. Typical forward transconductance as a function
of supply voltage
VM
VM
tW
tW
10 %
90 %
0 V
VI
VI
negative
pulse
positive
pulse
0 V
VM
VM
90 %
10 %
tf
tr
tr
tf
001aaf615
VCC
VI
VO
DUT
CL
RT
RL
PULSE
GENERATOR
Test data is given in Table 8. Definitions for test circuit:
RL = Load resistance.
CL = Load capacitance including jig and probe capacitance.
RT = Termination resistance should be equal to output impedance Zo of the pulse generator.
Fig. 10. Test circuit for measuring switching times
Table 8. Test data
Supply voltage
Input
Load
VCC
VI
tr, tf
CL
RL
1.2 V
VCC
≤ 2 ns
30 pF
1 kΩ
1.65 V to 1.95 V
VCC
≤ 2 ns
30 pF
1 kΩ
2.3 V to 2.7 V
VCC
≤ 2 ns
30 pF
500 Ω
2.7 V
2.7 V
≤ 2.5 ns
50 pF
500 Ω
3.0 V to 3.6 V
2.7 V
≤ 2.5 ns
50 pF
500 Ω
74LVCU04A
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2021. All rights reserved
Product data sheet
Rev. 9 — 31 March 2021
7 / 14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com