Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVCU04AD Datasheet(PDF) 2 Page - Nexperia B.V. All rights reserved

Part # 74LVCU04AD
Description  Hex unbuffered inverter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVCU04AD Datasheet(HTML) 2 Page - Nexperia B.V. All rights reserved

  74LVCU04AD Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74LVCU04AD Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74LVCU04AD Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74LVCU04AD Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74LVCU04AD Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74LVCU04AD Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74LVCU04AD Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74LVCU04AD Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74LVCU04AD Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Nexperia
74LVCU04A
Hex unbuffered inverter
4. Functional diagram
mna926
1A
1Y
1
2
2A
2Y
3
4
3A
3Y
5
6
4A
4Y
9
8
5A
5Y
11
10
6A
6Y
13
12
Fig. 1. Logic symbol
1
1
2
mna925
3
1
4
5
1
6
9
1
8
11
1
10
13
1
12
Fig. 2. IEC logic symbol
mna927
nA
nY
100 Ω
VCC VCC
Fig. 3. Schematic diagram for one inverter
5. Pinning information
5.1. Pinning
74LVCU04A
1A
VCC
1Y
6A
2A
6Y
2Y
5A
3A
5Y
3Y
4A
GND
4Y
aaa-024873
1
2
3
4
5
6
7
8
10
9
12
11
14
13
Fig. 4. Pin configuration SOT108-1 (SO14)
74LVCU04A
1A
VCC
1Y
6A
2A
6Y
2Y
5A
3A
5Y
3Y
4A
GND
4Y
aaa-024874
1
2
3
4
5
6
7
8
10
9
12
11
14
13
Fig. 5. Pin configuration SOT402-1 (TSSOP14)
74LVCU04A
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2021. All rights reserved
Product data sheet
Rev. 9 — 31 March 2021
2 / 14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com