Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HATXGL Datasheet(PDF) 1 Page - Greystone Energy Systems Inc.

Part # HATXGL
Description  HIGH ACCURACY GLASS TEMPERATURE TRANSMITTER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREYSTONE [Greystone Energy Systems Inc.]
Direct Link  http://greystoneenergy.com/
Logo GREYSTONE - Greystone Energy Systems Inc.

HATXGL Datasheet(HTML) 1 Page - Greystone Energy Systems Inc.

  HATXGL Datasheet HTML 1Page - Greystone Energy Systems Inc. HATXGL Datasheet HTML 2Page - Greystone Energy Systems Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GREYSTONE IS AN ISO 9001 REGISTERED QUALITY SYSTEM
HIGH ACCURACY GLASS TEMPERATURE TRANSMITTER
HATXGL SERIES
PRODUCT DESCRIPTION
The high accuracy single point glass temperature
transmitter utilizes a precision sensor encapsulated
in a 31.75mm L x 9.525mm W x 9.525 mm H (1.25”
x .375” x .375”) Aluminum probe. Standard wire
length is 1.524m (5’). All probes are constructed
to provide excellent heat transfer, fast response,
and are potted to resist moisture penetration. It is
available with a variety of enclosures. A transmitter
that provides a high accuracy signal with excellent
long term stability, low hysteresis and fast
response is available with various ranges.
TYPICAL INSTALLATION
For complete installation and wiring details,
please refer to the product installation
instructions.
Find a suitable location on an exterior window
where both the probe and enclosure can be
mounted. On one side apply epoxy compound and
press firmly against the glass. Hold in place until
the epoxy has set.
Encloure provides mounting tabs for ease of
installation.
NOTE: This product is factory calibrated and any field adjustment will void the warranty.
CABLE GLAND FITTING
THREAD ADAPTER 1/2” NPT TO M16
ACCESSORIES - INCLUDED WITH E ENCLOSURE OPTION
SENSOR TYPE
1000Ω Platinum, IEC 751, 385 Alpha, thin film
SENSOR ACCURACY
RTD Class A: ±0.15°C (±0.27°F) @ 0°C (32°F)
RTD 1/3 DIN: ±0.1°C (±0.18°F) @ 0°C (32°F)
RTD 1/10 DIN: ±0.03°C (±0.054°F) @ 0°C (32°F)
PROBE SENSING RANGE
-20 to 100°C (-4 to 212°F)
WIRE MATERIAL
FT-4, 22 AWG
WIRE LENGTH
1.524m (5’)
PROBE MATERIAL
Aluminum
PROBE DIMENSIONS
31.75mm L x 9.525mm W x 9.525mm H (1.25” x 0.375” x 0.375”)
OUTPUT SIGNAL
4-20 mA current loop, 0-5 Vdc, or 0-10 Vdc (factory configured)
TRANSMITTER ACCURACY
±0.1% of span, including linearity
OUTPUT DRIVE @ 24 VDC
Current: 600Ω maximum
Voltage: 10 KΩ minimum
POWER SUPPLY
0-5 Vdc: 10-35 Vdc or 10-28 Vac
0-10 Vdc: 15-35 Vdc or 15-28 Vac
4-20 mA: 15-35 Vdc (Loop-powered) or 22-28 Vac
CURRENT CONSUMPTION
Current: 20 mA
Voltage: 5 mA
MAXIMUM CURRENT (VOLTAGE)
5 mA nominal
MAXIMUM OUTPUT (VOLTAGE)
Limited to <5.5 vdc for 0-5 Vdc, <10.5 for 0-10 Vdc
INPUT VOLTAGE EFFECT
Negligible over specified operating range
PROTECTION CIRCUITRY
Reverse voltage protected and output limited
AMBIENT OPERATING RANGE
-40 to 50°C (-40 to 122°F), 0 to 95 %RH non-condensing
ENCLOSURE
A: ABS, UL94-V0, IP65 (NEMA 4X)
E: Same as A, with thread adapter (1/2” NPT to M16) and cable gland fitting
TERMINATION
Terminal block (14 to 22 AWG)
COUNTRY OF ORIGIN
Canada
SPECIFICATIONS
82.5 mm
3.25"
69.8 mm
2.75"
1/2” NPT
76.2 mm
3.00"
52.0 mm
2.05"
1.5 m
5’
9.525 mm
0.375"
31.75 mm
1.25”
FT-4, 22 AWG
Aluminum


Similar Part No. - HATXGL

ManufacturerPart #DatasheetDescription
logo
Greystone Energy System...
HATXAP GREYSTONE-HATXAP Datasheet
319Kb / 2P
HIGH ACCURACY ALL PURPOSE TEMPERATURE TRANSMITTER
HATXDC GREYSTONE-HATXDC Datasheet
383Kb / 2P
HIGH ACCURACY FLEXIBLE COPPER DUCT AVERAGE TEMPERATURE TRANSMITTER
HATXDF GREYSTONE-HATXDF Datasheet
437Kb / 2P
HIGH ACCURACY FLEX-DUCT AVERAGE TEMPERATURE TRANSMITTER
HATXDR GREYSTONE-HATXDR Datasheet
289Kb / 2P
HIGH ACCURACY RIGID DUCT AVERAGE TEMPERATURE TRANSMITTER
HATXFL GREYSTONE-HATXFL Datasheet
331Kb / 2P
HIGH ACCURACY FLYING LEAD TEMPERATURE TRANSMITTER
More results

Similar Description - HATXGL

ManufacturerPart #DatasheetDescription
logo
Greystone Energy System...
PS-HATDGL GREYSTONE-PS-HATDGL Datasheet
265Kb / 2P
HIGH ACCURACY GLASS TEMPERATURE TRANSMITTER WITH LCD
PS-HAHTDT GREYSTONE-PS-HAHTDT Datasheet
275Kb / 2P
HIGH ACCURACY DUCT HUMIDITY/TEMPERATURE TRANSMITTER
PS-HAHTOB GREYSTONE-PS-HAHTOB Datasheet
237Kb / 2P
HIGH ACCURACY OUTSIDE HUMIDITY/TEMPERATURE TRANSMITTER
PS-HAHTOS GREYSTONE-PS-HAHTOS Datasheet
238Kb / 2P
HIGH ACCURACY OUTSIDE HUMIDITY/TEMPERATURE TRANSMITTER
PS-HAHTRC GREYSTONE-PS-HAHTRC Datasheet
315Kb / 2P
HIGH ACCURACY ROOM HUMIDITY / TEMPERATURE TRANSMITTER
PS-HANTRC GREYSTONE-PS-HANTRC Datasheet
219Kb / 2P
HIGH ACCURACY ROOM HUMIDITY / TEMPERATURE TRANSMITTER
PS-HATXAP GREYSTONE-PS-HATXAP Datasheet
319Kb / 2P
HIGH ACCURACY ALL PURPOSE TEMPERATURE TRANSMITTER
PS-HATXFL GREYSTONE-PS-HATXFL Datasheet
331Kb / 2P
HIGH ACCURACY FLYING LEAD TEMPERATURE TRANSMITTER
PS-HATXOS GREYSTONE-PS-HATXOS Datasheet
236Kb / 2P
HIGH ACCURACY OUTSIDE TEMPERATURE TRANSMITTER
PS-HATXSO GREYSTONE-PS-HATXSO Datasheet
372Kb / 2P
HIGH ACCURACY STRAP-ON TEMPERATURE TRANSMITTER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com