Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PMOS Datasheet(PDF) 2 Page - Greystone Energy Systems Inc.

Part # PMOS
Description  OUTSIDE PARTICULATE MATTER SENSOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREYSTONE [Greystone Energy Systems Inc.]
Direct Link  http://greystoneenergy.com/
Logo GREYSTONE - Greystone Energy Systems Inc.

PMOS Datasheet(HTML) 2 Page - Greystone Energy Systems Inc.

  PMOS Datasheet HTML 1Page - Greystone Energy Systems Inc. PMOS Datasheet HTML 2Page - Greystone Energy Systems Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PRINTED IN CANADA
Copyright © Greystone Energy Systems Inc. All Rights Reserved
www.greystoneenergy.com
PS-PMOSXXX-05
Greystone Energy Systems, Inc.
150 English Drive, Moncton,
New Brunswick, Canada E1E 4G7
Ph: +1 (506) 853-3057 Fax: +1 (506) 853-6014
North America: 1-800-561-5611
E-mail: mail@greystoneenergy.com
WIRING INFORMATION
TERMINAL
FUNCTION
PWR
+ 24 Vdc/24 Vac (HOT)
COM
Common
OUT
Analog Output
NO
Relay Normally Open Contact
R. COM
Relay Common
NC
Relay Normally Closed Contact
If BACnet® or Modbus Output Selected
B(+)
Network Output
A(-)
Network Output
SHLD
Network Output
MCERTS CERTIFICATION
The PMRMC series incorporates the SPS30 PM sensor for accurate and reliable PM sensing. The SPS30 particulate matter sensor has achieved MCERTS certification,
which proves the performance of the PM sensor. In addition, the certification confirms that the SPS30 can be easily integrated into applications that comply with
the European Air Quality Standard DIN EN 15267.
The MCERTS certification scheme was established by the UK’s Environment Agency and is built around international and European standards to ensure high-
quality environmental data monitoring. The SPS30 underwent laboratory and field tests and has been proven to fulfill the latest MCERTS and associated DIN EN
15267 European air quality standards. Compliance with the above-mentioned standards requires low intra-model variability (≤ 5 µg/m3), making the SPS30 the
first choice for integration into applications requiring high precision. The certification is issued by the Sira Certification Service, one of the leading notified bodies in
Europe. They are also accredited according to ISO/IEC 17065 UKAS and are part of the Canadian Standards Association (CSA Group).
Learn more about the MCERTS certification on the website of CSA Group or have a look at the certificate as linked below..
Website: https://www.csagroupuk.org/services/mcerts/mcerts-product-certification/mcerts-certified-products/mcerts-certified-products-indicative-ambient-particulate-monitors/
Certificate: https://www.sensirion.com/fileadmin/user_upload/customers/sensirion/Dokumente/9.6_Particulate_Matter/Datasheets/Sensirion_PM_Sensors_Datasheet_SPS30_MCERTS-Certificate_2020.pdf
PRODUCT
PMOS
Outside Particulate Matter Sensor
RELAY
X
R
None
Alarm Relay
OUTPUT
X
B
M
Analog Output Only
BACnet® and Analog Outputs
Modbus and Analog Outputs
ORDERING
PMOS
PART NUMBER
NOTE: Greystone Energy Systems, Inc. reserves the right to make design modifications without prior notice.
ACCESSORIES
PMFRSM
Replaceable sensor module and wire harness
PWR
COM
OUT
B+
A-
SHLD
N.C.
R. COM
N.O.
STATUS LED
MENU
ROLL
V
mA



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com