Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PMOS Datasheet(PDF) 1 Page - Greystone Energy Systems Inc.

Part # PMOS
Description  OUTSIDE PARTICULATE MATTER SENSOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREYSTONE [Greystone Energy Systems Inc.]
Direct Link  http://greystoneenergy.com/
Logo GREYSTONE - Greystone Energy Systems Inc.

PMOS Datasheet(HTML) 1 Page - Greystone Energy Systems Inc.

  PMOS Datasheet HTML 1Page - Greystone Energy Systems Inc. PMOS Datasheet HTML 2Page - Greystone Energy Systems Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GREYSTONE HAS AN ISO 9001 REGISTERED QUALITY SYSTEM
OUTSIDE PARTICULATE MATTER SENSOR
PMOS SERIES
PRODUCT DESCRIPTION
The PMOS Outside Particulate Matter Sensor
uses an optical sensor based on laser scattering
principles and features innovative contamination
resistance technology to perform highly accurate
and reliable PM measurements. The replaceable
sensor measures particles of PM1.0, PM2.5, PM4.0,
or PM10, with a continuous operation lifetime of
more than 8 years. The sensor will provide long-
term reliability and high resolution particle size
binning for the detection of environmental dust
and other particles.
TYPICAL INSTALLATION
For complete installation and wiring details,
please refer to the product installation
instructions.
The PMOS series should be mounted on an outside
North facing wall, under the eaves which will
provide protection from direct sunlight and wind.
The PMOS can be mounted directly to buildings
wall face using the provided mounting holes. There
are 0.85” knockouts for conduit connection.
The basic PMOS has a screw block terminal
provided for connection to the Building
Automation System.
SENSOR
Laser scatter method (field replaceable)
PARTICULATE SIZE
PM1.0, PM2.5, PM4.0, or PM10 (selectable)
MASS CONCENTRATION RANGE
0 - 1000 ug/m3
RESOLUTION
1 ug/m3
ACCURACY
±10 ug/m3 (0 - 100 ug/m3), ±10% (100 - 1000 ug/m3)
RESPONSE TIME
1 second
SENSOR LIFETIME
>8 years
ANALOG MODEL
Consumption: 75 mA max @ 24 Vdc, 100 mA max @ 24 Vac
Output Signals: 4-20 mA (sourcing) or 0-5 Vdc / 0-10 Vdc (selectable)
Output Drive Capability: Current - 550Ω max
Voltage - 5,000Ω min
Output Scale: 0 to 1000 ug/m3 (menu selectable)
BACnet® MODEL
Consumption: 50 mA max @ 24 Vdc, 80 mA max @ 24 Vac
Interface: MS/TP, 2 wire RS-485
Baud Rate: 9600, 19200, 38400, 57600, 76800 or 115200 (menu selectable)
Address Range: 0 - 127 (menu selectable)
MODBUS MODEL
Consumption: 50 mA max @ 24 Vdc, 80 mA max @ 24 Vac
Interface: MS/TP, 2 wire RS-485, RTU
Baud Rate: 9600, 19200, 38400, 57600, 76800 or 115200 (menu selectable)
Address Range: 1-255 (menu selectable)
PM ALARM RELAY (OPTIONAL)
Contact Ratings: Form C (NO + NC), 2A @ 140 Vac, 2A @ 30 Vac
Setpoint + Hysteresis: Programmable via menu
DISPLAY
Internal LCD for setup
Display values
Mass Concentration: 0 - 1000 ug/m3
Air Quality Index: 0 - 500 AQI Good/Moderate/Poor (menu selectable)
POWER SUPPLY
24 Vac/dc ±20% (non-isolated half-wave rectified)
PROTECTION CIRCUITRY
Reverse voltage protected, over-voltage protected
OPERATING CONDITIONS
-10 to 60°C (14 to 140°F), 20 to 80 %RH non-condensing
STORAGE CONDITIONS
-30 to 60°C (-22 to 140°F)
ENCLOSURE
Polycarbonate, IP65 (NEMA 4X)
ENCLOSURE DIMENSIONS
130mm W x 130mm H x 75mm D (5.12” x 5.12” x 2.95”)
WIRING
Screw terminal block (14 to 22 AWG)
COUNTRY OF ORIGIN
Canada
SPECIFICATIONS
130 mm
5.11”
130 mm
5.11”
74.7 mm
2.94”


Similar Part No. - PMOS

ManufacturerPart #DatasheetDescription
logo
Greystone Energy System...
PMOS GREYSTONE-PMOS Datasheet
350Kb / 2P
OUTSIDE PARTICULATE MATTER SENSOR
logo
Tyco Electronics
PMOSOOB3A MACOM-PMOSOOB3A Datasheet
100Kb / 2P
CUSTOMER DRAWING P-SERIES
2-4-97
PMOSOOB3B MACOM-PMOSOOB3B Datasheet
100Kb / 2P
CUSTOMER DRAWING P-SERIES
2-4-97
PMOSOOB3O MACOM-PMOSOOB3O Datasheet
100Kb / 2P
CUSTOMER DRAWING P-SERIES
2-4-97
PMOSOOB6A MACOM-PMOSOOB6A Datasheet
100Kb / 2P
CUSTOMER DRAWING P-SERIES
2-4-97
More results

Similar Description - PMOS

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
SN-GCJA5 PANASONIC-SN-GCJA5 Datasheet
200Kb / 1P
SN-GCJA5 Particulate Matter Laser Sensor
logo
BELIMO AIRCONTROLS (USA...
01UT-5A BELIMO-01UT-5A Datasheet
432Kb / 3P
Outside Temperature Sensor
22UT-52 BELIMO-22UT-52 Datasheet
529Kb / 4P
Outside Temperature Sensor
logo
Sensirion AG Switzerlan...
SPS30 SENSIRION-SPS30 Datasheet
1Mb / 26P
Particulate Matter Sensor for Air Quality Monitoring and Control
logo
Greystone Energy System...
PS-PMDT GREYSTONE-PS-PMDT Datasheet
318Kb / 2P
DUCT PARTICULATE MATTER SENSOR
PS-PMRMC GREYSTONE-PS-PMRMC Datasheet
298Kb / 2P
ROOM PARTICULATE MATTER SENSOR
TSOB GREYSTONE-TSOB Datasheet
228Kb / 2P
OUTSIDE TEMPERATURE SENSOR
PMDT GREYSTONE-PMDT Datasheet
318Kb / 2P
DUCT PARTICULATE MATTER SENSOR
PMOS GREYSTONE-PMOS Datasheet
350Kb / 2P
OUTSIDE PARTICULATE MATTER SENSOR
PMRMC GREYSTONE-PMRMC Datasheet
298Kb / 2P
ROOM PARTICULATE MATTER SENSOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com