Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RPC Datasheet(PDF) 2 Page - Greystone Energy Systems Inc.

Part # RPC
Description  ROOM PRESSURE MONITOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREYSTONE [Greystone Energy Systems Inc.]
Direct Link  http://greystoneenergy.com/
Logo GREYSTONE - Greystone Energy Systems Inc.

RPC Datasheet(HTML) 2 Page - Greystone Energy Systems Inc.

  RPC Datasheet HTML 1Page - Greystone Energy Systems Inc. RPC Datasheet HTML 2Page - Greystone Energy Systems Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PRINTED IN CANADA
Copyright © Greystone Energy Systems Inc. All Rights Reserved
www.greystoneenergy.com
PS-RPCXXX-02
01/20
Greystone Energy Systems, Inc.
150 English Drive, Moncton,
New Brunswick, Canada E1E 4G7
Ph: +1 (506) 853-3057 Fax: +1 (506) 853-6014
North America: 1-800-561-5611
E-mail: mail@greystoneenergy.com
PRODUCT
RPC
Room Pressure Monitor/Transmitter
PRESSURE RANGES
1
2
±1”WC, ±0.5”WC, ±250 Pa, ±125 Pa
±0.25”WC, ±0.125”WC, ±60 Pa, ±30 Pa
COMMUNICATIONS
-
BAC
None (Leave Blank)
BACnet® Communications
OPTIONS
AC
SP
OP
Continental pick-up port
Stainless plate pick-up port
Outside pick-up port
ORDERING
RPC
PART NUMBER
NOTE: Greystone Energy Systems, Inc. reserves the right to make design modifications without prior notice.
ANALOG MODEL
TERMINAL
FUNCTION
PWR
24 Vac/Vdc
COM
Common
OUT
Analog Output
RELAY
Digital Output
RELAY
Digital Output
BACnet® MODEL
TERMINAL
FUNCTION
PWR
24 Vac/Vdc
COM
Common
B +
B +
A -
A -
SHIELD
Shield
RELAY
Digital Output
RELAY
Digital Output
WIRING INFORMATION
0001301
Rev. 1
MENU
DOWN
UP
ZERO
HIGH PORT
LOW PORT
B+
A-
SHIELD
POWER
COMMON
BUZZER -
BUZZER +
RELAY
“WC
0.025
0001301
Rev. 1
MENU
DOWN
mA
Vdc
OUTPUT
UP
ZERO
HIGH PORT
LOW PORT
POWER
COMMON
BUZZER -
BUZZER +
RELAY
“WC
0.025



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com