Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RPC Datasheet(PDF) 1 Page - Greystone Energy Systems Inc.

Part # RPC
Description  ROOM PRESSURE MONITOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREYSTONE [Greystone Energy Systems Inc.]
Direct Link  http://greystoneenergy.com/
Logo GREYSTONE - Greystone Energy Systems Inc.

RPC Datasheet(HTML) 1 Page - Greystone Energy Systems Inc.

  RPC Datasheet HTML 1Page - Greystone Energy Systems Inc. RPC Datasheet HTML 2Page - Greystone Energy Systems Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GREYSTONE HAS AN ISO 9001 REGISTERED QUALITY SYSTEM
ROOM PRESSURE MONITOR
RPC SERIES
PRODUCT DESCRIPTION
The RPC Series room pressure monitor/transmitter
is used to measure differential pressure in the
range of 0.125 to 1”WC or 30 to 250 Pa and
provide either an analog or BACnet® compatible
signal to a building automation system.
It combines precision high sensitivity silicon
sensing capabilities and the latest ASIC
technology to substantially reduce offset errors
due to changes in temperature, stability to warm
up, long term instability and position sensitivity.
It features an LCD to display the pressure value,
several bi-directional pressure ranges and field-
selectable output signal types for the most flexible
application. The device has an on-board auto-
zero function. It features an alarm output with an
adjustable trip point for high and low alarm levels,
an on-board buzzer, a remote buzzer output with
silence switch and a flashing alarm LED.
TYPICAL INSTALLATION
For complete installation and wiring details,
please refer to the product installation
instructions.
The RPC series can be mounted directly to a single
gang electrical box or directly to a wall. If the
remote buzzer option is used, simply mount it
directly a standard electrical box.
A terminal block connection is provided for
connection to the Building Automation System.
There are several wiring configurations depending
on the options selected.
PRESSURE RANGES
±1”, ±0.5”, ±0.25”, ±0.125”WC
±250, ±125, ±60, ±30 Pa
ACCURACY
±1% F.S.O. (±2% F.S.O. for 0.125”WC and 30 Pa ranges)
STABILITY
±1% FS max (1 year)
THERMAL EFFECTS
<±3.5% FS max, 5 to 50°C (41 to 122°F)
RESPONSE TIME
0 to 60 seconds (menu selectable)
PROOF PRESSURE
100”WC (24.9 kPa)
BURST PRESSURE
200”WC (49.8 kPa)
OPERATING CONDITIONS
0 to 60°C (32 to 140°F), 10 to 90 %RH non-condensing
STORAGE TEMPERATURE
-40 to 70°C (-40 to 158°F)
MEDIA COMPATIBILITY
Dry air and inert gas
ZERO ADJUSTMENT
Pushbutton auto-zero
POWER SUPPLY
24 Vac/dc, ±10%
POWER CONSUMPTION
70 mA max with alarms on (80 mA with BACnet® option)
OUTPUT SIGNAL
4-20 mA (3 wire), 0-5 Vdc or 0-10 Vdc (3 wire), field selectable
OUTPUT DRIVE
Current: 750Ω max
Voltage: 2000Ω min
INPUT VOLTAGE EFFECT
Negligible over specified operating range
PROTECTION CIRCUITRY
Reverse voltage protected and output limited
WIRING CONNECTIONS
Screw terminal block (14 to 22 AWG)
PRESSURE CONNECTIONS
Ports for 1/16” ID tubing (1/8” ID Adapters included)
ENCLOSURE
White ABS, IP30 (NEMA 1)
DIMENSIONS
84mm W x 119mm H x 29mm D (3.3” x 4.7” x 1.15”)
WEIGHT
115g (4 oz)
COUNTRY OF ORIGIN
Canada
LCD DISPLAY
Size: 38.1mm W x 16.5mm H (1.5” x 0.65”)
Digit Height: 11.43mm (0.45”)
Symbols: “WC, Pa
Backlight: Enable/disable via menu
ALARM FUNCTION
Relay Output: N.O. contact, 2 Amps @ 120 Vac or 30 Vdc
Relay Trip Point: Upper and lower trip levels adjustable over the pressure range
Relay Delay: 0 to 10 minutes (menu selectable)
Visual Indication: Setpoint step size is 0.5°C or 1.0°F
Audible Indication: On-board buzzer, 85 db on high range (menu selectable)
Buzzer Output: Output to control remote audible alarm (Part Number AA-1)
OPTIONAL BACnet® COMMUNICATIONS Communications: 2 wires RS-485, BACnet® MS/TP protocol
Baud Rate: Locally set to 9600, 19200, 38400, or 76800
MAC Address Range: Locally set to 0-127 (factory default is 3)
SPECIFICATIONS
58mm
2.3”
82.6mm
3.25”
29mm
1.15”
119mm
4.7”
84mm
3.3”


Similar Part No. - RPC

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
RPC CRYDOM-RPC Datasheet
701Kb / 4P
Proportional controller
logo
Dubilier
RPC DUBILIER-RPC Datasheet
266Kb / 3P
SURFACE MOUNT CHIP RESISTOR
logo
Stackpole Electronics, ...
RPC SEI-RPC Datasheet
788Kb / 12P
Pulse Withstanding Thick Film Chip Resistor
5/24/2022
logo
Greystone Energy System...
RPC GREYSTONE-RPC Datasheet
179Kb / 2P
ROOM PRESSURE MONITOR
logo
IDEM Safety Switches
RPC IDEM-SAFETY-RPC Datasheet
1Mb / 2P
Non Contact Coded Safety Switches Operating Instructions
Feb 2020
More results

Similar Description - RPC

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
FXTH870X6 NXP-FXTH870X6 Datasheet
1Mb / 176P
FXTH870x6 Tire Pressure Monitor Sensor
Rev. 1.3, 09/2014
NBP8 NXP-NBP8 Datasheet
2Mb / 58P
Battery pressure monitor sensor
Rev. 2.4-11 March 2022
NBP9 NXP-NBP9 Datasheet
2Mb / 61P
Battery pressure monitor sensor
Rev. 2.4-11 March 2022
NTM88HXX5S NXP-NTM88HXX5S Datasheet
832Kb / 40P
Tire pressure monitor sensor
Rev. 1.1 - 23 June 2023
NTM88JXX5S NXP-NTM88JXX5S Datasheet
817Kb / 39P
Tire pressure monitor sensor
Rev. 1.1 - 23 June 2023
NTM88HXX5S NXP-NTM88HXX5S_V01 Datasheet
813Kb / 39P
Tire pressure monitor sensor
Rev. 1.2 - 21 July 2023
NTM88JXX5S NXP-NTM88JXX5S_V01 Datasheet
797Kb / 37P
Tire pressure monitor sensor
Rev. 1.2 - 21 July 2023
logo
Greystone Energy System...
RPC GREYSTONE-RPC Datasheet
179Kb / 2P
ROOM PRESSURE MONITOR
logo
Freescale Semiconductor...
MPXY8300 FREESCALE-MPXY8300 Datasheet
1Mb / 164P
Tire Pressure Monitor Sensor Product Specification
Rev 4, 05/2009
logo
NXP Semiconductors
NBP9 NXP-NBP9_V01 Datasheet
1Mb / 65P
Battery pressure monitor sensor
Rev. 3.2 - 3 November 2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com