Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1850F Datasheet(PDF) 1 Page - Belden Inc.

Part # 1850F
Description  Audio Snake Cable, 16 Pr #24 Str TC, Indiv. Shielded and Jacketed, O/A Foil,Flexible PVC Jkt, CMG
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

1850F Datasheet(HTML) 1 Page - Belden Inc.

  1850F Datasheet HTML 1Page - Belden Inc. 1850F Datasheet HTML 2Page - Belden Inc. 1850F Datasheet HTML 3Page - Belden Inc. 1850F Datasheet HTML 4Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Product: 1850F
Audio Snake Cable, 16 Pr #24 Str TC, Indiv. Shielded and Jacketed, O/A Foil,
Flexible PVC Jkt, CMG
Product Description
Digital Audio Snake Cable, 16 Pair 24 AWG (7 x 32) Tinned Copper, Datalene® insulation, Individually Foil Shielded and Jacketed, Overall Beldfoil® Shield,
Flexible PVC Jacket, CMG
Technical Specifications
Product Overview
Suitable Applications:
Multi-channel interconnect between audio equipment such as microphones, speakers, amplifiers, mixing consoles; Live events or studio sound; Digital audio
Physical Characteristics (Overall)
Conductor
AWG Stranding
Material
Nominal Diameter No. of Pairs
24
7x32
TC - Tinned Copper 0.024 in
16
Conductor Count:
32
Total Number of Pairs:
16
Insulation
Material
Material Trade Name Nominal Diameter Nominal Wall Thickness
PE - Polyethylene (Foam) Datalene®
0.068 in
0.022 in
Color Chart
Number
Color
1
Brown and Numbered 1
2
Red and Numbered 2
3
Orange and Numbered 3
4
Yellow and Numbered 4
5
Green and Numbered 5
6
Blue and Numbered 6
7
Purple and Numbered 7
8
Gray and Numbered 8
9
White and Numbered 9
10
Black and Numbered 10
11
Tan and Numbered 11
12
Pink and Numbered 12
13
Gray/Brown Stripe and Numbered 13
14
Gray/Red Stripe and Numbered 14
15
Gray/Orange Stripe and Numbered 15
16
Gray/Yellow Stripe and Numbered 16
Color Chart 2
Number
Color
1
Red & Black
2
Red & Black
3
Red & Black
4
Red & Black


Similar Part No. - 1850F

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
1850 ALPHAWIRE-1850 Datasheet
69Kb / 2P
Customer Specification
1850 ALPHAWIRE-1850 Datasheet
97Kb / 3P
Customer Specification
2/21/2023
logo
Adafruit Industries
1850 ADAFRUIT-1850 Datasheet
137Kb / 2P
Adafruit Gemma Sequin Starter Pack
3-16-18
logo
Coherent Corp
1850-800S COHERENT-1850-800S Datasheet
253Kb / 2P
HIGH-EFFICIENCY TRANSMISSION DIFFRACTION GRATING
1850-915S COHERENT-1850-915S Datasheet
254Kb / 2P
HIGH-EFFICIENCY TRANSMISSION DIFFRACTION GRATING
More results

Similar Description - 1850F

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
1819R BELDEN-1819R Datasheet
176Kb / 2P
Audio Snake Cable, 16 Pr #22 Str TC, Ind. Shielded & Jacketed, O/A Foil,PVC Jkt, CMR
11-09-2022
1821R BELDEN-1821R Datasheet
203Kb / 2P
Audio Snake Cable, 24 Pr #22 Str TC, Ind. Shielded & Jacketed, O/A Foil,PVC Jkt, CMR
11-09-2022
1511C BELDEN-1511C Datasheet
189Kb / 3P
Audio Snake Cable, 6 Pr #24 Str TC, Indiv. Shielded and Jacketed, O/A Foil,Flexible PVC Jkt, CM
12-19-2022
1815R BELDEN-1815R Datasheet
177Kb / 2P
Audio Snake Cable, 4 Pr #22 Str TC, Ind. Shielded & Jacketed, O/A Foil, PVC Jkt, CMR
01-20-2023
1818R BELDEN-1818R Datasheet
151Kb / 2P
Audio Snake Cable, 12 Pr #22 Str TC, Ind. Shielded & Jacketed, O/A Foil,PVC Jkt, CMR
12-19-2022
1823R BELDEN-1823R Datasheet
203Kb / 2P
Audio Snake Cable, 32 Pr #22 Str TC, Ind. Shielded & Jacketed, O/A Foil,PVC Jkt, CMR
12-19-2022
1814R BELDEN-1814R Datasheet
151Kb / 2P
Audio Snake Cable, 2 Pr #22 Str TC, Ind. Shielded & Jacketed, O/A Foil, PVC Jkt, CMR
12-19-2022
1816R BELDEN-1816R Datasheet
177Kb / 2P
Audio Snake Cable, 6 Pr #22 Str TC, Ind. Shielded & Jacketed, O/A Foil, PVC Jkt, CMR
12-19-2022
1817R BELDEN-1817R Datasheet
177Kb / 2P
Audio Snake Cable, 8 Pr #22 Str TC, Ind. Shielded & Jacketed, O/A Foil, PVC Jkt, CMR
01-20-2023
1513C BELDEN-1513C Datasheet
178Kb / 2P
Audio Snake Cable, #24-12pr Str TC, Ind. Shielded & Jacketed, O/A Foil, PVC Jkt, Ripcord, CM, Flexible
01-20-2023
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com