Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1850F Datasheet(PDF) 2 Page - Belden Inc.

Part # 1850F
Description  Audio Snake Cable, 16 Pr #24 Str TC, Indiv. Shielded and Jacketed, O/A Foil,Flexible PVC Jkt, CMG
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

1850F Datasheet(HTML) 2 Page - Belden Inc.

  1850F Datasheet HTML 1Page - Belden Inc. 1850F Datasheet HTML 2Page - Belden Inc. 1850F Datasheet HTML 3Page - Belden Inc. 1850F Datasheet HTML 4Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
5
Red & Black
6
Red & Black
7
Red & Black
8
Red & Black
9
Red & Black
10
Red & Black
11
Red & Black
12
Red & Black
13
Red & Black
14
Red & Black
15
Red & Black
16
Red & Black
Inner Shield
Type
Material
Material Trade Name Coverage [%] Drainwire Material
Drainwire Diameter Drainwire AWG Drainwire Construction n x D
Tape Bi-Laminate (Alum+Poly) Beldfoil®
100%
TC - Tinned Copper 0.024 in
24
Stranded
Table Notes:
Indiv. Foil tapes bonded to inner jacket
Inner Jacket
Material
Nominal Diameter Nominal Wall Thickness
PVC - Polyvinyl Chloride 0.167 in
0.014 in
Outer Shield
Type
Material
Material Trade Name Coverage [%] Drainwire Material
Drainwire Diameter Drainwire AWG Drainwire Construction n x D
Tape Bi-Laminate (Alum+Poly) Beldfoil®
100%
TC - Tinned Copper 0.060 in
16
Stranded
Outer Jacket
Material
Nominal Diameter Nominal Wall Thickness Ripcord
PVC - Polyvinyl Chloride 0.944 in
0.078 in
Yes
Electrical Characteristics
Conductor DCR
Nominal Conductor DCR Nominal Conductor DCR Conductor Resistance
23.7 Ohm/1000ft
23.7 Ohm/1000ft
Capacitance
Nom. Capacitance Conductor to Conductor Nom. Capacitance Conductor to Other Conductor to Shield
12 pF/ft
26 pF/ft
Inductance
Nominal Inductance
0.18 µH/ft
Impedance
Nominal Characteristic Impedance
110 Ohm
High Frequency (Nominal/Typical)
Frequency [MHz] Nom. Insertion Loss
0.384 MHz
0.29 dB/100ft
0.706 MHz
0.71 dB/100ft
0.768 MHz
0.77 dB/100ft
1.024 MHz
0.94 dB/100ft
1.411 MHz
1.1 dB/100ft
1.536 MHz
1.1 dB/100ft
2.048 MHz
1.3 dB/100ft
2.822 MHz
1.4 dB/100ft
3.072 MHz
1.4 dB/100ft
4.096 MHz
1.5 dB/100ft
5.645 MHz
1.7 dB/100ft
6.144 MHz
1.8 dB/100ft
8.192 MHz
2 dB/100ft



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com