Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PT2283LP Datasheet(PDF) 3 Page - Princeton Technology Corp

Part # PT2283LP
Description  Programmable Rolling Code Encoder IC
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT2283LP Datasheet(HTML) 3 Page - Princeton Technology Corp

  PT2283LP Datasheet HTML 1Page - Princeton Technology Corp PT2283LP Datasheet HTML 2Page - Princeton Technology Corp PT2283LP Datasheet HTML 3Page - Princeton Technology Corp PT2283LP Datasheet HTML 4Page - Princeton Technology Corp PT2283LP Datasheet HTML 5Page - Princeton Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Programmable Rolling Code Encoder IC
PT2283
Tel : 886-2-66296288
Fax: 886-2-29174598
URL: http://www.princeton.com.tw
PT2283 v1.2
Page 3
February 2003
APPLICATION CIRCUIT 1
AD4
AD5
AD6
AD7
VDD
OSC
DOUT
VSS
6V
PT2283 (8 Pin)
ROSC
RF
VDD
VDD2
OSC
DOUT
NC
VPG
VSS
LBV
AD0
AD1
AD2
AD3
AD4
AD5
AD6
AD7
PT2283 (16 Pin)
ROSC
RF
6V
1 f/25V
+
1µf/25V



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com