Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PT2283LP Datasheet(PDF) 5 Page - Princeton Technology Corp

Part # PT2283LP
Description  Programmable Rolling Code Encoder IC
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT2283LP Datasheet(HTML) 5 Page - Princeton Technology Corp

  PT2283LP Datasheet HTML 1Page - Princeton Technology Corp PT2283LP Datasheet HTML 2Page - Princeton Technology Corp PT2283LP Datasheet HTML 3Page - Princeton Technology Corp PT2283LP Datasheet HTML 4Page - Princeton Technology Corp PT2283LP Datasheet HTML 5Page - Princeton Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Programmable Rolling Code Encoder IC
PT2283
Tel : 886-2-66296288
Fax: 886-2-29174598
URL: http://www.princeton.com.tw
PT2283 v1.2
Page 5
February 2003
ORDER INFORMATION
O r de r Pa rt N umber
Package Type
T op C ode
PT2283
8 P ins, D IP
(300 m il) , P rogrammab le
PT2283
PT2283L
8 P ins, D I P ( 300 m il), P rogrammab le,
N o Ba tt e ry W arm M ode
PT2283L
PT2283-S
8 P ins, SO P (150 m il), P r ogrammab le
PT2283-S
PT2283L-S
8 P ins, SO P ( 150 m il), P r ogrammab le,
N o . Ba tt ery W arm M ode
PT2283L-S
PT2283-16
16 P ins, D IP ( 300 m il), P rogrammab le
PT2283-16
PT2283-16S
16 P ins, SO P (150 m il), P rogrammab le
PT2283-16S
PT2283P
8 P ins, D IP ( 300 m il), P rogrammed
PT2283P
PT2283LP
8 P ins, D IP (300 m il), P r o grammab le,
N o Ba tt e ry W arm M ode
PT2283LP
PT2283P-S
8 P ins, SO P (150 m il), P rogrammed
PT2283P-S
PT2283LP-S
8 P ins, SO P ( 150 m il), P r ogrammab le,
N o Ba tt e ry W arm M ode
PT2283LP-S
PT2283P-16
16 P ins, D IP (300 m il), P r o grammed
PT2283P-16
PT2283P-16S
16 P ins, SO P (150 m il), P r o grammed
PT2283P-16S



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com