Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IR51HD310 Datasheet(PDF) 4 Page - International Rectifier

Part # IR51HD310
Description  POWIRLIGHTTM REFERENCE DESIGN : COMPACT BALLAST
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR51HD310 Datasheet(HTML) 4 Page - International Rectifier

  IR51HD310 Datasheet HTML 1Page - International Rectifier IR51HD310 Datasheet HTML 2Page - International Rectifier IR51HD310 Datasheet HTML 3Page - International Rectifier IR51HD310 Datasheet HTML 4Page - International Rectifier IR51HD310 Datasheet HTML 5Page - International Rectifier IR51HD310 Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
www.irf.com
Bill of Materials
* 210 turns #30 wound on FAIR-RITE bobbin core
REF.
DES.
DESCR.
QTY
P/N
MFG
DIST
Phone #
U1
IC
1
IR51H420
IR
IR
310-322-
3331
Q1,Q2
MOSFET
2
IRLML2402
IR
“
“
BR1
BRIDGE RECTIFIER
1
DF10S
IR
“
“
C1,C2
10
µF/250V
2
ECE-A2EU100W
PANASONIC
DIGI-KEY
800-344-
4539
C3
1
µF/50V
1
ECE-A50Z1
PANASONIC
“
“
C4
2.2
µF/50V
1
ECE-A50Z2R2
PANASONIC
“
“
C5
1000pF SMT1206
1
ECU-U1H102KBM
PANASONIC
“
“
C6
3300pF SMT1206
1
ECU-U1H332KBM
PANASONIC
“
“
C7
.1
µF/50V SMT1206
1
ECU-V1H104KBW
PANASONIC
“
“
C8,C10
470pF/1KV SMT1812
1
102S43N471KV4E
JOHANSON
DIELECTRIC
NEWARK
310-681-
6674
C9
.01
µF/630V
1
MKP10
WIMA
TAW
818-846-
3911
R1
1.0
Ω,1/2W
1
1.0H-ND
YAGEO
DIGI-KEY
800-344-
4539
R2
240K
Ω, 1/4W
1
240KQBK-ND
YAGEO
“
“
R3,R4
1M
Ω,1/8W SMT1206
1
ERJ-8GEY105
PANASONIC
“
“
R5
2.2M
Ω,1/8W
SMT1206
1
ERJ-8GEY225
PANASONIC
“
“
R6
20K
Ω, 1/8W SMT1206
1
ERJ-8GEYJ203
PANASONIC
“
“
D1
7.5V Zener, SMT
SOD123
1
BZT52-C7V5DICT-ND
DIODES INC
“
“
D2
3.9V Zener, SMT
SOD123
1
BZT52-C3V9DICT-ND
DIODES INC
“
“
D3
Diode, 400V Fast
1
10BF40
IR
IR
310-322-
3331
D4,D5,
D6
Diode, SMT DL35
1
1N4148
DIODES INC
DIGI-KEY
800-344-
4539
L1*
2.5mH
1
9677142009
FAIR-RITE
LODESTON
E PACIFIC
714-970-
0900



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com