Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IR51HD310 Datasheet(PDF) 5 Page - International Rectifier

Part # IR51HD310
Description  POWIRLIGHTTM REFERENCE DESIGN : COMPACT BALLAST
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR51HD310 Datasheet(HTML) 5 Page - International Rectifier

  IR51HD310 Datasheet HTML 1Page - International Rectifier IR51HD310 Datasheet HTML 2Page - International Rectifier IR51HD310 Datasheet HTML 3Page - International Rectifier IR51HD310 Datasheet HTML 4Page - International Rectifier IR51HD310 Datasheet HTML 5Page - International Rectifier IR51HD310 Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
www.irf.com
5
Figure 1: Cathode Voltage (Start - Preheat - Running)
This figure depicts the increase in cathode resistance
during the preheat phase prior to ignition.
Figure 2: Cathode Current (Start - Preheat - Running)
(500mA/div) This figure depicts the almost constant
current in the cathodes which decreases after ignition.
Figure 3: Lamp Voltage (Start - Preheat - Running)
This figure depicts the magnitude of the lamp voltage
during preheat, at ignition and during running.
Figure 4: Lamp Current (Start - Preheat - Running)
(200mA/div) This figure depicts the lamp
current during preheat and after ignition.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com