Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C30659-900-R5B Datasheet(PDF) 9 Page - PerkinElmer Optoelectronics

Part # C30659-900-R5B
Description  Silicon and InGaAs APD Preamplifier Modules
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERKINELMER [PerkinElmer Optoelectronics]
Direct Link  http://www.perkinelmer.com
Logo PERKINELMER - PerkinElmer Optoelectronics

C30659-900-R5B Datasheet(HTML) 9 Page - PerkinElmer Optoelectronics

  C30659-900-R5B Datasheet HTML 1Page - PerkinElmer Optoelectronics C30659-900-R5B Datasheet HTML 2Page - PerkinElmer Optoelectronics C30659-900-R5B Datasheet HTML 3Page - PerkinElmer Optoelectronics C30659-900-R5B Datasheet HTML 4Page - PerkinElmer Optoelectronics C30659-900-R5B Datasheet HTML 5Page - PerkinElmer Optoelectronics C30659-900-R5B Datasheet HTML 6Page - PerkinElmer Optoelectronics C30659-900-R5B Datasheet HTML 7Page - PerkinElmer Optoelectronics C30659-900-R5B Datasheet HTML 8Page - PerkinElmer Optoelectronics C30659-900-R5B Datasheet HTML 9Page - PerkinElmer Optoelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
www .optoelectr onics.perkinelmer.com
C30659-900-1060-1550nm Series
C30659-900-1060-1550nm Series
Page 9
Figure 6. Optical Geometry
Model
Detector
S1 (mm)
S2 (mm)
d1 (mm)
α (deg)
C30659-900-R8A
C30817E
0.80
11
1.4
70
C30659-900-R5B
C30902E
0.50
11
1.4
70
C30659-1060-3A
C30956E
3.00
11
1.3
65
C30659-1060-R8B
C30954E
0.80
11
1.3
70
C30659-1550-R2A
C30662E
0.20
11
1.5
70
C30659-1550-R08B
C30645E
0.08
11
1.5
70
Table 5. Ordering Guide
Model
Description
C30659-900-R8A
50 MHz, 900nm, 0.8mm Active Region Diameter
C30659-900-R5B
200 MHz, 900nm, 0.5mm Active Region Diameter
C30659-1060-3A
50 MHz, 1060nm, 3mm Active Region Diameter
C30659-1060-R8B
200 MHz, 1060nm, 0.8mm Active Region Diameter
C30659-1550-R2A
50 MHz, 1550nm, 0.2mm Active Region Diameter
C30659-1550-R08B
200 MHz, 1550nm, 0.08mm Active Region Diameter
©2004 PerkinElmer Inc. All rights reserved.
Or
Ordering Information
dering Information
While the information in this data sheet is intended to describe the form, fit and function for this product, PerkinElmer
reserves the right to make changes without notice.
For more information e-mail us at opto@perkinelmer.com or visit our web site at www.optoelectronics.perkinelmer.com.
All values are nominal; specifications subject to change without notice.
PerkinElmer Canada Inc.
16800 Trans Canada Highway
Kirkland, Québec, H9H 5G7
Canada
Phone: (514) 683-2200
Fax: (514) 693-2210
PerkinElmer GmbH & Co. KG
Wenzel-Jaksch-Str.31
65199 Wiesbaden
Phone: +49 611 492 247
Fax: +49 611 492 170
PerkinElmer Singapore Pte Ltd.
47 Ayer Rajah Crescent #06-12
Singapore 139947
Phone: +65 6775 2022
Fax: +65 6775 1008
Optoelectronics Headquarters
PerkinElmer Optoelectronics
44370 Christy Street
Fremont, CA 94538-3180
Phone: (510) 979-6500
(800) 775-6786
Fax: (510) 687-1140
117142_C30659.qxd
6/21/04
2:33 PM
Page 9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com