Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C30659-900-R5B Datasheet(PDF) 1 Page - PerkinElmer Optoelectronics

Part # C30659-900-R5B
Description  Silicon and InGaAs APD Preamplifier Modules
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERKINELMER [PerkinElmer Optoelectronics]
Direct Link  http://www.perkinelmer.com
Logo PERKINELMER - PerkinElmer Optoelectronics

C30659-900-R5B Datasheet(HTML) 1 Page - PerkinElmer Optoelectronics

  C30659-900-R5B Datasheet HTML 1Page - PerkinElmer Optoelectronics C30659-900-R5B Datasheet HTML 2Page - PerkinElmer Optoelectronics C30659-900-R5B Datasheet HTML 3Page - PerkinElmer Optoelectronics C30659-900-R5B Datasheet HTML 4Page - PerkinElmer Optoelectronics C30659-900-R5B Datasheet HTML 5Page - PerkinElmer Optoelectronics C30659-900-R5B Datasheet HTML 6Page - PerkinElmer Optoelectronics C30659-900-R5B Datasheet HTML 7Page - PerkinElmer Optoelectronics C30659-900-R5B Datasheet HTML 8Page - PerkinElmer Optoelectronics C30659-900-R5B Datasheet HTML 9Page - PerkinElmer Optoelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
C30659-900-1060-1550nm Series
Silicon and InGaAs APD Preamplifier Modules
Description
Description
PerkinElmer C30659 Series includes a
Silicon or InGaAs Avalanche
Photodiode with a hybrid preamplifier.
It is supplied in a single modified
12-lead TO-8 package.
The avalanche photodiodes used in
these devices are the C30817E,
C30902E, C30954E, C30956E,
C30645E and C30662E that provide
very good response between 830 and
1550 nanometers and very fast rise
and fall times at all wavelengths. The
preamplifier section uses a very low
noise GaAs FET front end designed to
operate at higher transimpedance
than the regular C30950 series.
Optoelectronics
Applications
Applications
Range Finding
Confocal Microscope
LIDAR
Featur
Features
es
System bandwidth 50 MHz and
200 MHz
Ultra low noise equivalent power
(NEP)
Spectral response range:
Silicon APD: 400 to 1100nm
InGaAs APD: 1100 to 1700nm
Power consumption (150 mW typ.)
+/-5 Volts amplifier operating
voltages
50
Ω AC Load capability
Hermetically sealed TO-8 packages
High reliability
Fast overload recovery
Pin compatible with the C30950
series
Light entry angle
∅130°
The C30659 is pin to pin compatible
with the C30950 series. The output
of the C30659 is negative. An emitter
follower is used as an output buffer
stage. To obtain the wideband
characteristics, the output of these
devices should be AC (capacitively)
coupled to a 50 Ohm termination.
The module must not be DC coupled
to loads of less than 2,000 Ohms.
For field use, it is recommended that
a temperature compensated HV
supply be employed to maintain
responsivity constant over
temperature.
www .optoelectr onics.perkinelmer.com
Preliminary Data Sheet
117142_C30659.qxd
6/21/04
2:33 PM
Page 1


Similar Part No. - C30659-900-R5B

ManufacturerPart #DatasheetDescription
logo
General Cable Technolog...
C3065 GENERAL-C3065 Datasheet
74Kb / 1P
TYPE CMP / CL3P
More results

Similar Description - C30659-900-R5B

ManufacturerPart #DatasheetDescription
logo
Eudyna Devices Inc
FRM5J141GT EUDYNA-FRM5J141GT Datasheet
304Kb / 4P
InGaAs-APD/Preamp Receiver
FRM5N141GT EUDYNA-FRM5N141GT Datasheet
309Kb / 4P
InGaAs-APD/Preamp Receiver
FRM5N142GW EUDYNA-FRM5N142GW Datasheet
339Kb / 4P
InGaAs-APD/Preamp Receiver
FRM5W231KT EUDYNA-FRM5W231KT Datasheet
321Kb / 5P
InGaAs-APD/Preamp Receiver
FRM5W232FY EUDYNA-FRM5W232FY Datasheet
127Kb / 4P
InGaAs-APD/Preamp Receiver
FRM5W232LY EUDYNA-FRM5W232LY Datasheet
128Kb / 4P
InGaAs-APD/Preamp Receiver
FRM5W621KT EUDYNA-FRM5W621KT Datasheet
181Kb / 5P
InGaAs-APD/Preamp Receiver
logo
Hamamatsu Corporation
G8931-04 HAMAMATSU-G8931-04 Datasheet
87Kb / 2P
InGaAs APD
G8931-20 HAMAMATSU-G8931-20 Datasheet
87Kb / 2P
InGaAs APD
G10519-14 HAMAMATSU-G10519-14 Datasheet
62Kb / 2P
InGaAs APD with preamp
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com