Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6714TR Datasheet(PDF) 13 Page - STMicroelectronics

Part # L6714TR
Description  4 phase controller with embedded drivers for Intel VR10, VR11 and AMD 6Bit CPUs
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6714TR Datasheet(HTML) 13 Page - STMicroelectronics

Back Button L6714TR Datasheet HTML 9Page - STMicroelectronics L6714TR Datasheet HTML 10Page - STMicroelectronics L6714TR Datasheet HTML 11Page - STMicroelectronics L6714TR Datasheet HTML 12Page - STMicroelectronics L6714TR Datasheet HTML 13Page - STMicroelectronics L6714TR Datasheet HTML 14Page - STMicroelectronics L6714TR Datasheet HTML 15Page - STMicroelectronics L6714TR Datasheet HTML 16Page - STMicroelectronics L6714TR Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 70 page
background image
L6714
Electrical data
13/70
3
Electrical data
3.1
Maximum rating
3.2
Thermal data
Table 2.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VCC, VCCDRx
to PGNDx
15
V
VBOOTx -
VPHASEx
Boot voltage
15
V
VUGATEx -
VPHASEx
15
V
VCC - VBOOTx
7.5
V
LGATEx, PHASEx, to PGNDx
-0.3 to VCC + 0.3
V
VID0 to VID7, VID_SEL
-0.3 to 5
V
All other Pins to PGNDx
-0.3 to 7
V
VPHASEx
Static condition
To PGNDx, VCC=14V, BOOTx=7V,
PHASEx=-7.5V
-7.5
V
Positive peak voltage to PGNDx;
T < 20ns @ 600kHz
26
V
Table 3.
Thermal data
Symbol
Parameter
Value
Unit
RthJA
Thermal resistance junction to ambient
(Device soldered on 2s2p PC Board)
40
°C/W
TMAX
Maximum junction temperature
150
°C
TSTG
Storage temperature range
-40 to 150
°C
TJ
Junction temperature range
0 to 125
°C
PTOT
Maximum power dissipation at TA = 25°C
2.5
W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com