Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6714TR Datasheet(PDF) 29 Page - STMicroelectronics

Part # L6714TR
Description  4 phase controller with embedded drivers for Intel VR10, VR11 and AMD 6Bit CPUs
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6714TR Datasheet(HTML) 29 Page - STMicroelectronics

Back Button L6714TR Datasheet HTML 25Page - STMicroelectronics L6714TR Datasheet HTML 26Page - STMicroelectronics L6714TR Datasheet HTML 27Page - STMicroelectronics L6714TR Datasheet HTML 28Page - STMicroelectronics L6714TR Datasheet HTML 29Page - STMicroelectronics L6714TR Datasheet HTML 30Page - STMicroelectronics L6714TR Datasheet HTML 31Page - STMicroelectronics L6714TR Datasheet HTML 32Page - STMicroelectronics L6714TR Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 70 page
background image
L6714
Configuring the device
29/70
Note:
VID pull-ups / pull-downs, VID voltage thresholds and OUTEN thresholds changes
according to the selected DAC: See Table 4 for details.
Note:
VID pull-ups / pull-downs, VID voltage thresholds and OUTEN thresholds changes
according to the selected DAC: See Table 4 for details.
Table 11.
Intel mode configuration (See Note).
Pin
Function
Typical connection
DAC / CS_SEL
It allows selecting the Intel Mode and,
furthermore, between Inductor or LS MOSFET
current reading.
Static info, no dynamic changes allowed.
SGND: Inductor Sense;
170k
Ω to SGND: LS MOSFET
Sense.
Filter with 100pF(max).
SSOSC / REF
It allows programming the soft-start time TSS.
See “Soft start” Section for details.
Resistor RSSOSC vs. SGND.
VID_SEL
It allows selecting between VR11 DAC or
VR10.x + 6.25mV extended DAC.
Static info, no dynamic changes allowed.
Open: VR11 (Table 6).
Short to SGND: VR10.x
(Table 7).
VID7 to VID0
They allow programming the Output Voltage
according to Table 6 and Table 7.
Dynamic transitions managed, See “Dynamic
VID transitions” Section for details.
Open: Logic “1” (25
µA pull-up)
Short to SGND: “0”
SSEND /
PGOOD
Soft Start end signal set free after soft-start has
finished. It only indicates soft-start has finished.
Pull-up to anything lower than
5V.
Table 12.
AMD mode configuration (See Note).
Pin
Function
Typical connection
DAC / CS_SEL
It allows selecting the AMD mode and,
furthermore, between Inductor or LS MOSFET
current reading.
Static info, no dynamic changes allowed.
270k
Ω to SGND: Inductor
Sense;
OPEN: LS MOSFET Sense;
Filter with 100pF(max).
SSOSC / REF
The reference used for the regulation is
available on this pin.
Filter with 47
Ω - 4.7nF vs.
SGND.
VID_SEL
Not Applicable
Need to be shorted to SGND.
VID7 / DVID
Pulled high when performing a D-VID transition.
The pin is kept high with a 32 clock cycles delay.
Not Applicable
VID6
Not Applicable
Needs to be shorted to SGND
VID5 to VID0
They allow programming the Output Voltage
according to Table 9.
Dynamic transitions managed, See “Dynamic
VID transitions” Section for details.
Open: “0” (12.5
µA pull-down)
Pull-up to V > 1.4V: “1”
SSEND /
PGOOD
Power Good signal set free after soft-start has
finished whenever the output voltage is within
limits.
Pull-up to anything lower than
5V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com