Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LV393D Datasheet(PDF) 3 Page - Nexperia B.V. All rights reserved

Part # 74LV393D
Description  Dual 4-bit binary ripple counter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LV393D Datasheet(HTML) 3 Page - Nexperia B.V. All rights reserved

  74LV393D Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74LV393D Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74LV393D Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74LV393D Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74LV393D Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74LV393D Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74LV393D Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74LV393D Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74LV393D Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Nexperia
74LV393
Dual 4-bit binary ripple counter
5. Pinning information
5.1. Pinning
74LV393
1CP
VCC
1MR
2CP
1Q0
2MR
1Q1
2Q0
1Q2
2Q1
1Q3
2Q2
GND
2Q3
aaa-011662
1
2
3
4
5
6
7
8
10
9
12
11
14
13
Fig. 6. Pin configuration SOT108-1 (SO14)
74LV393
1CP
VCC
1MR
2CP
1Q0
2MR
1Q1
2Q0
1Q2
2Q1
1Q3
2Q2
GND
2Q3
aaa-011663
1
2
3
4
5
6
7
8
10
9
12
11
14
13
Fig. 7. Pin configuration SOT402-1 (TSSOP14)
5.2. Pin description
Table 2. Pin description
Symbol
Pin
Description
1CP, 2CP
1, 13
clock input (HIGH-to-LOW, edge-triggered)
1MR, 2MR
2, 12
asynchronous master reset input (active HIGH)
1Q0, 1Q1, 1Q2, 1Q3
3, 4, 5, 6
flip-flop output
GND
7
ground (0 V)
2Q0, 2Q1, 2Q2, 2Q3
11, 10, 9, 8
flip-flop output
VCC
14
supply voltage
74LV393
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2021. All rights reserved
Product data sheet
Rev. 6 — 19 March 2021
3 / 13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com