Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LV393D Datasheet(PDF) 5 Page - Nexperia B.V. All rights reserved

Part # 74LV393D
Description  Dual 4-bit binary ripple counter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LV393D Datasheet(HTML) 5 Page - Nexperia B.V. All rights reserved

  74LV393D Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74LV393D Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74LV393D Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74LV393D Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74LV393D Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74LV393D Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74LV393D Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74LV393D Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74LV393D Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Nexperia
74LV393
Dual 4-bit binary ripple counter
8. Recommended operating conditions
Table 5. Recommended operating conditions
Voltages are referenced to GND (ground = 0 V)
Symbol
Parameter
Conditions
Min
Typ
Max Unit
VCC
supply voltage
1.0
3.3
3.6
V
VI
input voltage
0
-
VCC V
VO
output voltage
0
-
VCC V
Tamb
ambient temperature
-40
-
+125 °C
VCC = 1.0 V to 2.0 V
-
-
500
ns/V
VCC = 2.0 V to 2.7 V
-
-
200
ns/V
Δt/ΔV
input transition rise and fall rate
VCC = 2.7 V to 3.6 V
-
-
100
ns/V
9. Static characteristics
Table 6. Static characteristics
At recommended operating conditions; voltages are referenced to GND (ground = 0 V).
-40 °C to +85 °C
-40 °C to +125 °C
Symbol Parameter
Conditions
Min
Typ[1]
Max
Min
Max
Unit
VCC = 1.2 V
0.9
-
-
0.9
-
V
VCC = 2.0 V
1.4
-
-
1.4
-
V
VIH
HIGH-level input
voltage
VCC = 2.7 V to 3.6 V
2.0
-
-
2.0
-
V
VCC = 1.2 V
-
-
0.3
-
0.3
V
VCC = 2.0 V
-
-
0.6
-
0.6
V
VIL
LOW-level input
voltage
VCC = 2.7 V to 3.6 V
-
-
0.8
-
0.8
V
VI = VIH or VIL
IO = -100 μA; VCC = 1.2 V
-
1.2
-
-
-
V
IO = -100 μA; VCC = 2.0 V
1.8
2.0
-
1.8
-
V
IO = -100 μA; VCC = 2.7 V
2.5
2.7
-
2.5
-
V
IO = -100 μA; VCC = 3.0 V
2.80
3.0
-
2.8
-
V
VOH
HIGH-level output
voltage
IO = -6 mA; VCC = 3.0 V
2.40
2.82
-
2.20
-
V
VI = VIH or VIL
IO = 100 μA; VCC = 1.2 V
-
0
-
-
-
V
IO = 100 μA; VCC = 2.0 V
-
0
0.2
-
0.2
V
IO = 100 μA; VCC = 2.7 V
-
0
0.2
-
0.2
V
IO = 100 μA; VCC = 3.0 V
-
0
0.2
-
0.2
V
VOL
LOW-level output
voltage
IO = 6 mA; VCC = 3.0 V
-
0.25
0.40
-
0.50
V
II
input leakage
current
VI = VCC or GND; VCC = 3.6 V
-
-
1.0
-
1.0
μA
ICC
supply current
VI = VCC or GND; IO = 0 A;
VCC = 3.6 V
-
-
20.0
-
160
μA
ΔICC
additional supply
current
per input;
VI = VCC - 0.6 V; VCC = 2.7 V to 3.6 V
-
-
500
-
850
μA
CI
input capacitance
-
3.5
-
-
-
pF
[1] All typical values are measured at Tamb = 25 °C.
74LV393
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2021. All rights reserved
Product data sheet
Rev. 6 — 19 March 2021
5 / 13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com