Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ABAS16-HF Datasheet(PDF) 2 Page - Comchip Technology

Part # ABAS16-HF
Description  High Speed Switching Diodes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

ABAS16-HF Datasheet(HTML) 2 Page - Comchip Technology

  ABAS16-HF Datasheet HTML 1Page - Comchip Technology ABAS16-HF Datasheet HTML 2Page - Comchip Technology ABAS16-HF Datasheet HTML 3Page - Comchip Technology ABAS16-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Electrical Characteristics (at Ta=25°C unless otherwise noted)
Parameter
Reverse current
Symbol
Conditions
Value
Unit
VR=75V
IR
μA
Page 2
Comchip Technology CO., LTD.
Company reserves the right to improve product design , functions and reliability without notice.
REV:A
Rating and Characteristic Curves (ABAS16-HF)
Fig.1 - PD ― TA
Ambient Temperature, Ta (°C)
Fig.2 - Cd ― VR
0
10
4
8
0
1.5
1.56
1.66
1.7
0
300
400
25
150
50
75
100
High Speed Switching Diodes
Reverse recovery time
Diode capacitance
trr
CD
pF
nS
1.0
4
4
Forward voltage
IF=1mA
VF1
0.715
V
VF2
VF3
VF4
0.855
1.25
1.0
IF=10mA
IF=50mA
IF=150mA
IF=10mA, Irr=0.1IR, RL=100Ω
VR=VF=0V, f=1MHz
Fig.3 - Forward Characteristics
Forward Voltage, VF (mV)
Fig.4 - Reverse Characteristics
Reverse Voltage, VR (V)
10
30
50
70
110
0
0.01
1
10
0
0.3
0.5
0.7
500
1000
1500
2000
200
100
0.1
0.4
0.6
AQW-J0008
Breakdown voltage
IR=10µA
VR
75
V
125
Reverse Voltage, VR (V)
2
6
1.52
1.58
1.54
1.6
1.68
1.62
1.64
Ta=25°C
f=1.0MHz
0.1
0.2
Ta=125°C
Ta=25°C
90
20
Ta=25°C
Ta=125°C
Ta=75°C
250
150
50
350



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com