Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ABAS16-HF Datasheet(PDF) 1 Page - Comchip Technology

Part # ABAS16-HF
Description  High Speed Switching Diodes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

ABAS16-HF Datasheet(HTML) 1 Page - Comchip Technology

  ABAS16-HF Datasheet HTML 1Page - Comchip Technology ABAS16-HF Datasheet HTML 2Page - Comchip Technology ABAS16-HF Datasheet HTML 3Page - Comchip Technology ABAS16-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Page 1
AQW-J0008
High Speed Switching Diodes
RoHS Device
ABAS16-HF
Comchip Technology CO., LTD.
Company reserves the right to improve product design , functions and reliability without notice.
REV:A
Halogen Free
Reverse Voltage: 75 Volts
Forward Current: 150 mA
Maximum Rating (at Ta=25°C unless otherwise noted)
Symbol
Value
Unit
V
100
Repetitive peak forward current
IFRM
300
A
mW
Ptot
Power dissipation
Peak forward surge current
IFSM
350
mA
Average forward current
IFAV
2
mA
°C
TSTG
-55 to +150
Storage temperature range
Parameter
VR
VRRM
Repetitive peak reverse voltage
Reverse voltage
V
75
RθJA
°C
Thermal resistance junction to ambient
357
150
1
Mechanical data
- Case: SOT-23, molded plastic.
- Terminals: Tin plated leads, solderable per
J-STD-002 and JESD22-B102.
Features
- Epoxy meets UL-94 V-0 flammability rating.
- Moisture sensitivity Level 1.
- AEC-Q101 Qualified.
Circuit Diagram
3
1
2
Maximum junction temperature range
TJ
K/W
Pulse width =1µs
Pulse width =1s
-55 to +150
Dimensions in inches and (millimeter)
SOT-23
3
1
2
0.055(1.40)
0.047(1.20)
0.118(3.00)
0.110(2.80)
0.079(2.00)
0.071(1.80)
0.041(1.05)
0.035(0.90)
0.004(0.10)
0.000(0.00)
0.020(0.50)
0.012(0.30)
0.008(0.20)
0.004(0.10)
0.100(2.55)
0.089(2.25)
0.020(0.50)
0.012(0.30)


Similar Part No. - ABAS16-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
ABAS16TW-HF COMCHIP-ABAS16TW-HF Datasheet
470Kb / 4P
SMD Switching Diodes
REV:A
ABAS16WS-HF COMCHIP-ABAS16WS-HF Datasheet
469Kb / 4P
High Speed Switching Diodes
REV:A
More results

Similar Description - ABAS16-HF

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDH900 FAIRCHILD-FDH900 Datasheet
32Kb / 1P
High Speed Switching Diodes
logo
Jiangsu Changjiang Elec...
1SS404 JIANGSU-1SS404 Datasheet
61Kb / 2P
High Speed SWITCHING Diodes
1SS422 JIANGSU-1SS422 Datasheet
73Kb / 2P
High Speed SWITCHING Diodes
logo
SynSemi, Inc.
1N4531 SYNSEMI-1N4531 Datasheet
30Kb / 2P
HIGH SPEED SWITCHING DIODES
logo
Weitron Technology
BAS516 WEITRON-BAS516 Datasheet
225Kb / 4P
High Speed Switching Diodes
logo
EIC discrete Semiconduc...
BAW75 EIC-BAW75 Datasheet
35Kb / 2P
HIGH SPEED SWITCHING DIODES
logo
Shenzhen Jin Yu Semicon...
1SS388 HTSEMI-1SS388 Datasheet
235Kb / 2P
High Speed SWITCHING Diodes
logo
SeCoS Halbleitertechnol...
SCS422S SECOS-SCS422S_15 Datasheet
502Kb / 2P
High Speed Switching Diodes
logo
SHENZHEN YONGERJIA INDU...
1SS422 WINNERJOIN-1SS422_15 Datasheet
137Kb / 2P
High Speed SWITCHING Diodes
logo
NXP Semiconductors
BAV756S_BAW56 PHILIPS-BAV756S_BAW56_15 Datasheet
375Kb / 16P
High-speed switching diodes
Rev. 6-18 March 2015
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com