Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACDBMS260-HF Datasheet(PDF) 1 Page - Comchip Technology

Part # ACDBMS260-HF
Description  SMD Schottky Barrier Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

ACDBMS260-HF Datasheet(HTML) 1 Page - Comchip Technology

  ACDBMS260-HF Datasheet HTML 1Page - Comchip Technology ACDBMS260-HF Datasheet HTML 2Page - Comchip Technology ACDBMS260-HF Datasheet HTML 3Page - Comchip Technology ACDBMS260-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SMD Schottky Barrier Rectifiers
Reverse Voltage: 40 to 100 Volts
Forward Current: 2.0 Amp
RoHS Device
Page 1
REV:A
ACDBMS240-HF Thru. ACDBMS2100-HF
Comchip Technology CO., LTD.
Halogen Free
Mechanical data
- Epoxy: UL 94V-0 rated flame retardant.
- Terminals: Lead Free Plating (Tin Finish)
- Solderable per MIL-STD-202, method 208.
- Polarity: Indicated by cathode band.
- Weight: 0.022 grams (approx.).
- Case: SOD-123F, molded plastic.
Company reserves the right to improve product design , functions and reliability without notice.
AQW-JB031
Maximum Ratings (at TA=25°C unless otherwise noted)
Note: 1. Measured at 1.0MHZ and applied reverse voltage of 4V DC.
Circuit diagram
Parameter
Symbol
Unit
Max. Average forward rectified current
VRRM
VRMS
VDC
IF
IFSM
IR
CJ
TJ
40
40
28
60
60
42
2
40
0.5
100
100
70
V
V
V
A
A
mA
°C
TSTG
-55 to +150
°C
-55 to +150
pF
RθJC
35
°C/W
180
60
0.2
Operating temperature range
Storage temperature range
Typical junction capacitance (Note 1)
Peak forward surge current, 8.3ms
single half sine-wave superimposed
on rated load (JEDEC methode)
Typical thermal resistance
Max. Repetitive peak reverse voltage
Max. RMS voltage
Max. DC blocking voltage
Max. DC reverse current @TA=25°C
at Rated DC blocking voltage
@TA=100°C
30
15
-55 to +125
95
VF
0.66
V
0.52
0.83
Max. Instantaneous forward voltage
IF=2A @TA=25°C
ACDBMS240-HF
ACDBMS260-HF
ACDBMS2100-HF
Features
- Ideal for surface mount applications.
- Fast switching speed.
- Easy pick and place.
- Built-in strain relief.
- AEC-Q101 Qualified
SOD-123F
Dimensions in inches and (millimeter)
0.154(3.90)
0.129(3.30)
0.079(2.00)
0.059(1.50)
0.046(1.15)
0.031(0.80)
0.044(1.10)
0.054(1.35)
0.019(0.50)
0.115(2.90)
0.094(2.40)
0.014(0.35)
0.012(0.30)
0.001(0.05)


Similar Part No. - ACDBMS260-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
ACDBMS1100-HF COMCHIP-ACDBMS1100-HF Datasheet
460Kb / 4P
SMD Schottky Barrier Rectifiers
REV: B
ACDBMS140-HF COMCHIP-ACDBMS140-HF Datasheet
460Kb / 4P
SMD Schottky Barrier Rectifiers
REV: B
ACDBMS160-HF COMCHIP-ACDBMS160-HF Datasheet
460Kb / 4P
SMD Schottky Barrier Rectifiers
REV: B
More results

Similar Description - ACDBMS260-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CDBC520-G COMCHIP-CDBC520-G Datasheet
563Kb / 2P
SMD Schottky Barrier Rectifiers
CDBA220-HF COMCHIP-CDBA220-HF Datasheet
94Kb / 4P
SMD Schottky Barrier Rectifiers
CDBA320-G COMCHIP-CDBA320-G_12 Datasheet
111Kb / 4P
SMD Schottky Barrier Rectifiers
CDBA3150-HF COMCHIP-CDBA3150-HF Datasheet
97Kb / 4P
SMD Schottky Barrier Rectifiers
CDBB320-G COMCHIP-CDBB320-G_12 Datasheet
111Kb / 4P
SMD Schottky Barrier Rectifiers
CDBB5150-HF COMCHIP-CDBB5150-HF Datasheet
98Kb / 4P
SMD Schottky Barrier Rectifiers
CDBC3150-HF COMCHIP-CDBC3150-HF Datasheet
96Kb / 4P
SMD Schottky Barrier Rectifiers
CDBFN120-HF COMCHIP-CDBFN120-HF_12 Datasheet
95Kb / 4P
SMD Schottky Barrier Rectifiers
CDBZ5T30100-HF COMCHIP-CDBZ5T30100-HF Datasheet
610Kb / 4P
SMD Schottky Barrier Rectifiers
CDBZ630100-HF COMCHIP-CDBZ630100-HF Datasheet
725Kb / 4P
SMD Schottky Barrier Rectifiers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com