Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACDBMS260-HF Datasheet(PDF) 2 Page - Comchip Technology

Part # ACDBMS260-HF
Description  SMD Schottky Barrier Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

ACDBMS260-HF Datasheet(HTML) 2 Page - Comchip Technology

  ACDBMS260-HF Datasheet HTML 1Page - Comchip Technology ACDBMS260-HF Datasheet HTML 2Page - Comchip Technology ACDBMS260-HF Datasheet HTML 3Page - Comchip Technology ACDBMS260-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Rating and Characteristic Curves (ACDBMS240-HF Thru. ACDBMS2100-HF)
SMD Schottky Barrier Rectifiers
Forward Voltage, (V)
Fig.2 - Typical Forward Characteristics
Reverse Voltage, (V)
Fig.5 - Typical Junction Capacitance
0
400
1
10
100
Fig.1 - Typical Forward Current Derating Curve
0
100
1.5
0.5
25
50
75
150
125
1.0
0.1
200
800
600
0.3
0.4
0.5
0.7
0.6
0.8
0.9
0.1
1.0
100
10
2.5
0.01
Number of Cycles at 60Hz
0
30
50
1
10
100
10
40
20
Fig.3 - Maximum Non-repetitive
Forward Surge Current
Percent of Rated Peak Reverse Voltage, (%)
Fig.4 - Typical Reverse Characteristics
80
60
1.00
100.00
20
0.10
40
100
25°C
10.00
Case Temperature, (°C)
0
0.01
100°C
ACDBMS240-HF
ACDBMS260-HF
ACDBMS2100-HF
TJ=25°C
8.3ms single half sine
wave, JEDEC method
2.0
ACDBMS240-HF
ACDBMS2100-HF
ACDBMS260-HF
Page 2
REV:A
Comchip Technology CO., LTD.
Company reserves the right to improve product design , functions and reliability without notice.
AQW-JB031



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com