Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THAP Datasheet(PDF) 2 Page - Greystone Energy Systems Inc.

Part # THAP
Description  ALL PURPOSE HIGH LIMIT THERMOSTAT
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREYSTONE [Greystone Energy Systems Inc.]
Direct Link  http://greystoneenergy.com/
Logo GREYSTONE - Greystone Energy Systems Inc.

THAP Datasheet(HTML) 2 Page - Greystone Energy Systems Inc.

  THAP Datasheet HTML 1Page - Greystone Energy Systems Inc. THAP Datasheet HTML 2Page - Greystone Energy Systems Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PRINTED IN CANADA
Copyright © Greystone Energy Systems Inc. All Rights Reserved
www.greystoneenergy.com
PS-THAPXXX-02
06/20
Greystone Energy Systems, Inc.
150 English Drive, Moncton,
New Brunswick, Canada E1E 4G7
Ph: +1 (506) 853-3057 Fax: +1 (506) 853-6014
North America: 1-800-561-5611
E-mail: mail@greystoneenergy.com
WIRING INFORMATION
TERMINAL
FUNCTION
PWR
Power Supply
COM
Power Supply Common
TEMP (2)
Temperature Sensor Input
NO
Relay Output - Normally Open Contact
COM
Relay Common
NC
Relay Output - Normally Closed Contact
CABLE GLAND FITTING
THREAD ADAPTER 1/2” NPT TO M16
ACCESSORIES - INCLUDED WITH F ENCLOSURE OPTION
PRODUCT
THAP
All Purpose Duct/Immersion High Limit thermostat
ENCLOSURE
B
F
Polycarbonate, with hinged and gasketed cover
Same as B, with thread adapter (1/2” NPT to M16) and cable gland fitting
SENSOR
24
10,000Ω, Type 2, NTC Thermistor, ±0.2°C
PROBE LENGTH
A
B
C
D
E
F
50mm (2”)
100mm (4”)
150mm (6”)
200mm (8”)
300mm (12”)
450mm (18”)
ADJUSTABLE SETPOINT RANGE
01
02
38 to 104°C (100 to 220°F)
38 to 60°C (100 to 140°F)
ORDERING
THAP
PART NUMBER
NOTE: Greystone Energy Systems, Inc. reserves the right to make design modifications without prior notice.
NO COM NC
DIFFERENTIAL
HIGH
LOW
MID
TEMP COM PWR



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com