Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THAP Datasheet(PDF) 1 Page - Greystone Energy Systems Inc.

Part # THAP
Description  ALL PURPOSE HIGH LIMIT THERMOSTAT
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREYSTONE [Greystone Energy Systems Inc.]
Direct Link  http://greystoneenergy.com/
Logo GREYSTONE - Greystone Energy Systems Inc.

THAP Datasheet(HTML) 1 Page - Greystone Energy Systems Inc.

  THAP Datasheet HTML 1Page - Greystone Energy Systems Inc. THAP Datasheet HTML 2Page - Greystone Energy Systems Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GREYSTONE HAS AN ISO 9001 REGISTERED QUALITY SYSTEM
ALL PURPOSE HIGH LIMIT THERMOSTAT
THAP SERIES
DUCT MOUNTING
THERMOWELL MOUNTING
T1-AP THERMOWELL ADAPTER
THERMOWELL PLACEMENT
MOUNTING STYLES
PRODUCT DESCRIPTION
The single point duct/immersion high limit
thermostat incorporates a precision thermistor sensor
and provides a Form C relay output (NO/NC) with an
adjustable setpoint. The sensor is encapsulated in
a 6mm (0.236”) OD, 304 stainless steel probe and is
available in various lengths (see ordering chart). All
probes provide excellent heat transfer, fast response
and resist moisture penetration. A hinged and
gasketed polycarbonate enclosure is provided for
ease of installation.
TYPICAL INSTALLATION
For complete installation and wiring details,
please refer to the product installation
instructions.
The duct type probes are installed through a hole
in the side of the duct to monitor a single point
temperature within the duct. Since the probes are tip
sensitive, select a probe length that places the sensor
well into the duct. Install the probe in a straight
section of duct at a suitable distance downstream
from any heating, cooling or humidification devices.
The enclosure provides mounting tabs for ease of
installation.
NOTE: For immersion applications, T2 series
thermowell is required. When using a T1 series
thermowell an adapter will be required.
POWER SUPPLY
12 to 28 Vac/dc
SENSOR ACCURACY
±0.2°C, 0 to 70°C (±0.36°F, 32 to 158°F)
PROBE SENSING RANGE
-40 to 100°C (-40 to 212°F)
PROBE MATERIAL
304 series stainless steel
PROBE DIAMETER
6 mm (0.236”)
STANDARD LENGTHS
50, 100, 150, 200, 300, and 450 mm
(2”, 4”, 6”, 8”, 12”, and 18”)
WIRE MATERIAL
PVC insulated, parallel bonded, 22 AWG
CONSUMPTION
50 mA max
RELAY CONTACTS
SPDT, Form C contacts (N.O. and N.C.)
5 Amps @ 30 Vdc/250 Vac resistive
1.5 Amps @ 30 Vdc/250 vac inductive
RELAY ACTION
Activates on temperature rise
SETPOINT OPERATION
Single-turn knob-pot on PCB
ADJUSTABLE SETPOINT
Range 1: 38 to 104°C (100 to 220°F)
Range 2: 38 to 60°C (100 to 140°F)
TEMPERATURE DIFFERENTIAL
Low: 1.1°C (2°F) Mid: 2.8°C (5°F) High: 5.6°C (10°F)
Jumper selectable
TEMPERATURE SENSOR
Precision thermistor
OPERATING CONDITIONS
-10 to 50°C (14 to 122°F), 5 to 95 %RH, non-condensing
STORAGE CONDITIONS
-30 to 70°C (-22 to 158°F), 5 to 95 %RH, non-condensing
WIRING CONNECTIONS
Screw terminal block (14 to 22 AWG)
ENCLOSURE
B: Grey polycarbonate UL94-V0, IP65 (NEMA 4X)
F: Same as B with thread adapter (1/2” NPT to M16) and cable gland fitting
COUNTRY OF ORIGIN
Canada
SPECIFICATIONS
Various Probe Lengths
See Specifications
116.5 mm
4.58"
0.5" NPT
Foam Gasket
304 Series S/S
53.7 mm
2.11"
6.00 mm
0.236"
112.5 mm
4.43"
99.7 mm
3.93"


Similar Part No. - THAP

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
THA CDE-THA Datasheet
471Kb / 7P
High Energy Density, REACH and RoHS Compliant
logo
SUN HOLD ELECTRIC INC
THA SUNHOLD-THA Datasheet
665Kb / 2P
THA SERIES
THA-12 SUNHOLD-THA-12 Datasheet
665Kb / 2P
THA SERIES
THA-12-L SUNHOLD-THA-12-L Datasheet
665Kb / 2P
THA SERIES
THA-24 SUNHOLD-THA-24 Datasheet
665Kb / 2P
THA SERIES
More results

Similar Description - THAP

ManufacturerPart #DatasheetDescription
logo
Greystone Energy System...
THDR GREYSTONE-THDR Datasheet
267Kb / 2P
RIGID DUCT AVERAGE HIGH LIMIT THERMOSTAT
THFL GREYSTONE-THFL Datasheet
269Kb / 2P
FLYING LEAD HIGH LIMIT THERMOSTAT
THGL GREYSTONE-THGL Datasheet
253Kb / 2P
GLASS HIGH LIMIT THERMOSTAT
THOB GREYSTONE-THOB Datasheet
214Kb / 2P
OUTSIDE HIGH LIMIT THERMOSTAT
THOS GREYSTONE-THOS Datasheet
251Kb / 2P
OUTSIDE HIGH LIMIT THERMOSTAT
THSO GREYSTONE-THSO Datasheet
287Kb / 2P
STRAP-ON HIGH LIMIT THERMOSTAT
TLAP GREYSTONE-TLAP Datasheet
440Kb / 2P
ALL PURPOSE DUCT/IMMERSION LOW LIMIT THERMOSTAT
TLGL GREYSTONE-TLGL Datasheet
253Kb / 2P
GLASS LOW LIMIT THERMOSTAT
TLOB GREYSTONE-TLOB Datasheet
210Kb / 2P
OUTSIDE LOW LIMIT THERMOSTAT
TLOS GREYSTONE-TLOS Datasheet
254Kb / 2P
OUTSIDE LOW LIMIT THERMOSTAT
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com